Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV103UG4 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DRV103UG4
Description  PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DRV103UG4 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button DRV103UG4 Datasheet HTML 6Page - Burr-Brown (TI) DRV103UG4 Datasheet HTML 7Page - Burr-Brown (TI) DRV103UG4 Datasheet HTML 8Page - Burr-Brown (TI) DRV103UG4 Datasheet HTML 9Page - Burr-Brown (TI) DRV103UG4 Datasheet HTML 10Page - Burr-Brown (TI) DRV103UG4 Datasheet HTML 11Page - Burr-Brown (TI) DRV103UG4 Datasheet HTML 12Page - Burr-Brown (TI) DRV103UG4 Datasheet HTML 13Page - Burr-Brown (TI) DRV103UG4 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
DRV103
10
SBVS029A
The Duty Cycle Adjust pin is internally driven by an
oscillator frequency dependent current source and connects
to the input of a comparator as shown in Figure 8. The
DRV103’s PWM adjustment is inherently monotonic. That
is, a decreased voltage (or resistor value) always produces
an increased duty cycle.
DRV103
Thermal Shutdown
Over Current
PWM
4
5
7
OUT
5k
Pull-Up
+5V
OK
TTL or HCT
FIGURE 9. Non-Latching Fault Monitoring Circuit.
FIGURE 10. Latching Fault Monitoring Circuit.
7
5k
+5V
OK
(LED)
HLMP-Q156
7
DRV103
Thermal Shutdown
Over Current
4
5
OUT
PWM
FIGURE 11. LED to Indicate Fault Condition.
7
20k
+5V
Q
Q
CLR
OK
OK
OK Reset
J
CLK
GND
K
V
S
74XX76A
(1)
NOTE: (1) Small capacitor (10pF) may be required in noisy environments.
DRV103
Thermal Shutdown
Over Current
4
5
OUT
PWM
OK
2.75 • I
REF
R
PWM
+V
S
OSC
3.9V
1.3V
FIGURE 8. Simplified Duty Cycle Adjust Input.
STATUS FLAG
The OK Flag (pin 7) provides a fault indication for over-
current and thermal shutdown conditions. During a fault
condition, the Status OK Flag output is driven LOW (pin
voltage typically drops to 0.3V). A pull-up resistor, as
shown in Figure 9, is required to interface with standard
logic. Figure 9 also gives an example of a non-latching fault
monitoring circuit, while Figure 10 provides a latching
version. The OK Flag pin can sink up to 10mA, sufficient
to drive external logic circuitry, a reed relay, or an LED, as
shown in Figure 11, to indicate when a fault has occurred.
In addition, the OK Flag pin can be used to turn off other
DRV103s in a system for chain fault protection.
Over Current Fault
An over-current fault occurs when the PWM peak output
current is greater than approximately 3.75A. The OK flag is
not latched. Since current during PWM mode is switched on
and off, the OK flag output will be modulated with PWM
timing (see OK flag waveforms in the Typical Performance
Curves).
Avoid adding capacitance to pin 6 (Out) as it may cause
momentary current limiting.
Over-Temperature Fault
A thermal fault occurs when the die reaches approximately
160
°C, producing a similar effect as pulling the input low.
Internal shutdown circuitry disables the output. The OK
Flag is latched in the LOW state (fault condition) until the
die has cooled to approximately 140
°C.


Similar Part No. - DRV103UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV103UG4 TI-DRV103UG4 Datasheet
1Mb / 24P
[Old version datasheet]   PWM LOW-SIDE DRIVER (1.5A and 3A)
More results

Similar Description - DRV103UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV103 TI-DRV103 Datasheet
446Kb / 14P
[Old version datasheet]   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Burr-Brown (TI)
DRV104 BURR-BROWN-DRV104 Datasheet
350Kb / 18P
   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Texas Instruments
DRV104 TI1-DRV104_16 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
DRV103UG4 TI-DRV103UG4 Datasheet
1Mb / 24P
[Old version datasheet]   PWM LOW-SIDE DRIVER (1.5A and 3A)
logo
Toshiba Semiconductor
TPD1024AS TOSHIBA-TPD1024AS Datasheet
292Kb / 7P
   Low-Side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024AS TOSHIBA-TPD1024AS_07 Datasheet
417Kb / 7P
   Low-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024S TOSHIBA-TPD1024S_07 Datasheet
345Kb / 8P
   Low-side Power Switch for Motors, Solenoids, and Lamp Drivers
logo
Texas Instruments
DRV2511-Q1 TI1-DRV2511-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   DRV2511-Q1 8-A Automotive Haptic Driver for Solenoids and Voice Coils
DRV110A-Q1 TI1-DRV110A-Q1 Datasheet
831Kb / 21P
[Old version datasheet]   120- and 230-V AC, 6- to 48-V DC Current Controller for Solenoids, Relays, and Valves
logo
Toshiba Semiconductor
TPD2007F TOSHIBA-TPD2007F Datasheet
351Kb / 9P
   LOW-SIDE POWER SWITCH ARRAY FOR MOTORS SOLENOIDS AND LAMP DRIVES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com