Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8840CEEV Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME8840CEEV
Description  300mA CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8840CEEV Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME8840CEEV Datasheet HTML 5Page - Analog Microelectronics AME8840CEEV Datasheet HTML 6Page - Analog Microelectronics AME8840CEEV Datasheet HTML 7Page - Analog Microelectronics AME8840CEEV Datasheet HTML 8Page - Analog Microelectronics AME8840CEEV Datasheet HTML 9Page - Analog Microelectronics AME8840CEEV Datasheet HTML 10Page - Analog Microelectronics AME8840CEEV Datasheet HTML 11Page - Analog Microelectronics AME8840CEEV Datasheet HTML 12Page - Analog Microelectronics AME8840CEEV Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Analog Microelectronics, Inc.
9
AME8801/8812/8840
300mA CMOS LDO
Overtemperature Shutdown
TIME (0.5Sec/DIV)
R
LOAD =6.6 Ω
0
0
-80
-70
-60
-50
-40
-30
-20
-10
1.0E+01 1.0E+02 1.0E+03 1.0E+04 1.0E+05 1.0E+06
Power Supply Rejection Ratio
Frequency (Hz)
C
L = 10 µF
Tantalum
I
L = 100 mA
C
BYP = 0
C
BYP = 100 pF
C
BYP = 1 n F
C
BYP = 10 n F
-80
-70
-60
-50
-40
-30
-20
-10
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
Power Supply Rejection Ratio
Frequency (Hz)
C
L = 5.6 µF
Ceramic
I
L = 100 mA
C
BYP = 0
C
BYP = 100 pF
C
BYP = 1 n F
C
BYP = 10 n F
-80
-70
-60
-50
-40
-30
-20
1.0E+01
1.0E+03
1.0E+05
1.0E+07
Power Supply Rejection Ratio
Frequency (Hz)
C
L =2.2 µF Tantalum
C
BYP =1000pF
100mA
100
µA
1mA
10mA
100mA
100
µA
-80
-70
-60
-50
-40
-30
-20
-10
0
1.0E+01
1.0E+03
1.0E+05
1.0E+07
Power Supply Rejection Ratio
Frequency (Hz)
100mA
10mA
1mA
100
µA
100mA
100
µA
C
L =2.2 µF Tantalum
C
BYP =0
Short Circuit Response
TIME (2mS/DIV)
R
LOAD =100 Ω
R
SHORT =0.1 Ω
0
0


Similar Part No. - AME8840CEEV

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8841 AME-AME8841 Datasheet
79Kb / 10P
   600mA CMOS LDO
AME8841 AME-AME8841 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME88411EHAZ AME-AME88411EHAZ Datasheet
155Kb / 14P
   600mA CMOS LDO
AME88412EHAZ AME-AME88412EHAZ Datasheet
155Kb / 14P
   600mA CMOS LDO
AME88413EHAZ AME-AME88413EHAZ Datasheet
155Kb / 14P
   600mA CMOS LDO
More results

Similar Description - AME8840CEEV

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com