Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29L800UV-90 Datasheet(PDF) 6 Page - AMIC Technology

Part # A29L800UV-90
Description  1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L800UV-90 Datasheet(HTML) 6 Page - AMIC Technology

Back Button A29L800UV-90 Datasheet HTML 2Page - AMIC Technology A29L800UV-90 Datasheet HTML 3Page - AMIC Technology A29L800UV-90 Datasheet HTML 4Page - AMIC Technology A29L800UV-90 Datasheet HTML 5Page - AMIC Technology A29L800UV-90 Datasheet HTML 6Page - AMIC Technology A29L800UV-90 Datasheet HTML 7Page - AMIC Technology A29L800UV-90 Datasheet HTML 8Page - AMIC Technology A29L800UV-90 Datasheet HTML 9Page - AMIC Technology A29L800UV-90 Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
A29L800 Series
PRELIMINARY
(September, 2002, Version 0.2)
6
AMIC Technology, Inc.
Word/Byte Configuration
The
BYTE pin determines whether the I/O pins I/O15-I/O0
operate in the byte or word configuration. If the
BYTE pin
is set at logic ”1”, the device is in word configuration, I/O15-
I/O0 are active and controlled by CE and OE .
If the
BYTE pin is set at logic “0”, the device is in byte
configuration, and only I/O0-I/O7 are active and controlled
by CE and OE . I/O8-I/O14 are tri-stated, and I/O15 pin is
used as an input for the LSB(A-1) address function.
Requirements for Reading Array Data
To read array data from the outputs, the system must drive
the CE and OE pins to VIL. CE is the power control and
selects the device. OE is the output control and gates
array data to the output pins.
WE should remain at VIH all
the time during read operation. The
BYTE pin determines
whether the device outputs array data in words and bytes.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory content
occurs during the power transition. No command is
necessary in this mode to obtain array data. Standard
microprocessor read cycles that assert valid addresses on
the device address inputs produce valid data on the device
data outputs. The device remains enabled for read access
until the command register contents are altered.
See "Reading Array Data" for more information. Refer to the
AC Read Operations table for timing specifications and to
the Read Operations Timings diagram for the timing
waveforms, lCC1 in the DC Characteristics table represents
the active current specification for reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which
includes programming data to the device and erasing
sectors of memory), the system must drive
WE and CE to
VIL, and OE to VIH. For program operations, the BYTE pin
determines whether the device accepts program data in
bytes or words, Refer to “Word/Byte Configuration” for more
information. The device features an Unlock Bypass mode to
facilitate faster programming. Once the device enters the
Unlock Bypass mode, only two write cycles are required to
program a word or byte, instead of four. The “
Word / Byte Program Command Sequence” section has
details on programming data to the device using both
standard and Unlock Bypass command sequence. An
erase operation can erase one sector, multiple sectors, or
the entire device. The Sector Address Tables indicate the
address range that each sector occupies. A "sector
address" consists of the address inputs required to uniquely
select a sector. See the "Command Definitions" section for
details on erasing a sector or the entire chip, or
suspending/resuming the erase operation.
After the system writes the autoselect command sequence,
the device enters the autoselect mode. The system can
then read autoselect codes from the internal register (which
is separate from the memory array) on I/O7 - I/O0. Standard
read cycle timings apply in this mode. Refer to the
"Autoselect Mode" and "Autoselect Command Sequence"
sections for more information.
ICC2 in the DC Characteristics table represents the active
current
specification
for
the
write
mode.
The
"AC
Characteristics" section contains timing specification tables
and timing diagrams for write operations.
Program and Erase Operation Status
During an erase or program operation, the system may
check the status of the operation by reading the status bits
on I/O7 - I/O0. Standard read cycle timings and ICC read
specifications apply. Refer to "Write Operation Status" for
more information, and to each AC Characteristics section
for timing diagrams.
Standby Mode
When the system is not reading or writing to the device, it
can place the device in the standby mode. In this mode,
current consumption is greatly reduced, and the outputs are
placed in the high impedance state, independent of the OE
input.
The device enters the CMOS standby mode when the CE
& RESET pins are both held at VCC
± 0.3V. (Note that this
is a more restricted voltage range than VIH.) If CE and
RESET are held at VIH, but not within VCC
± 0.3V, the
device will be in the standby mode, but the standby current
will be greater. The device requires the standard access
time (tCE) before it is ready to read data.
If the device is deselected during erasure or programming,
the device draws active current until the operation is
completed.
ICC3 and ICC4 in the DC Characteristics tables represent the
standby current specification.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device energy
consumption. The device automatically enables this mode
when addresses remain stable for tACC +30ns. The
automatic sleep mode is independent of the CE , WE and
OE control signals. Standard address access timings
provide new data when addresses are changed. While in
sleep mode, output data is latched and always available to
the system. ICC4 in the DC Characteristics table represents
the automatic sleep mode current specification.


Similar Part No. - A29L800UV-90

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800ATG-70 AMICC-A29L800ATG-70 Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800ATG-70F AMICC-A29L800ATG-70F Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800ATG-70U AMICC-A29L800ATG-70U Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800ATG-70UF AMICC-A29L800ATG-70UF Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29L800UV-90

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29800B AMICC-A29800B Datasheet
488Kb / 40P
   1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29801B AMICC-A29801B Datasheet
489Kb / 40P
   1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com