Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECA1AAK330X Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ECA1AAK330X
Description  Aluminum Electrolytic Capacitor/ AK (For Audio)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA1AAK330X Datasheet(HTML) 8 Page - Panasonic Semiconductor

  ECA1AAK330X Datasheet HTML 1Page - Panasonic Semiconductor ECA1AAK330X Datasheet HTML 2Page - Panasonic Semiconductor ECA1AAK330X Datasheet HTML 3Page - Panasonic Semiconductor ECA1AAK330X Datasheet HTML 4Page - Panasonic Semiconductor ECA1AAK330X Datasheet HTML 5Page - Panasonic Semiconductor ECA1AAK330X Datasheet HTML 6Page - Panasonic Semiconductor ECA1AAK330X Datasheet HTML 7Page - Panasonic Semiconductor ECA1AAK330X Datasheet HTML 8Page - Panasonic Semiconductor ECA1AAK330X Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/ or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
Aluminum Electrolytic Capacitor
– EE21 –
(3) A thorough drying after cleaning is required to
remove residual cleaning solvents which may be
trapped between the capacitor and the circuit
board. Avoid drying temperatures which exceed
the maximum rated temperature of the capacitor.
(4) Monitor the contamination levels of the cleaning
solvents during use by electrical conductivity, pH,
specific gravity, or water content. Chlorine levels
can rise with contamination and adversely affect
the performance of the capacitor.
V Please consult us for additonal information about
acceptable cleaning solvents or cleaning methods.
2.9 Mounting Adhesives and Coating Agents
When using mounting adhesives or coating agents to
control humidity, avoid using materials containing
halogenated solvents. Also, avoid the use of
chloroprene based polymers.
V After applying adhesives or coatings, dry thoroughly
to prevent residual solvents from being trapped
between the capacitor and the circuit board.
3. Precautions for using capacitors
3.1 Environmental Conditions
Capacitors should not be used in the following
environments.
(1) Temperature exposure above the maximum rated
or below the minimum rated temperature of the
capacitor.
(2) Direct contact with water, salt water, or oil.
(3) High humidity condition s where water could
condense on the capacitor.
(4) Exposure to toxic gases such as hydrogen sulfide,
sulfuric acid, nitric acid, chlorine, or ammonia.
(5) Exposure to ozone, radiation, or ultraviolet rays.
(6) Vibration and shock c onditions exceeding
specified requirements.
4. Emergency Procedures
(1) If the pressure relief vent of the capacitor
operates, immediately turn off the equipment and
disconnect from the power source. This will
minimize additional damage caused by the
vaporizing electrolyte.
(2) Avoid contact with the escaping electrolyte gas
which can exceed 100
°C temperatures.
If electrolyte or gas enters the eye, immediately
flush the eye with large amounts of water.
If electrolyte or gas is ingested by mouth, gargle
with water. If electrolyte contacts the skin, wash
with soap and water.
5. Long Term Storage
Leakage current of a capacitor increases with long
storage times. The aluminium oxide film deteriorates
as a function of temperature and time. If used
without reconditioning, an abnormally high current
will be required to restore the oxide film. This current
surge could cause the circuit or the capacitor to fail.
Capacitor should be reconditioned by applying rated
voltage in series with a 1000
Ω, current limiting
resistor for a time period of 30 minutes.
5.1 Environmental Conditions (Storage)
Capacitors should not be stored in the following
environments.
(1) Temperature exposure above 35°C or below 15
°C.
(2) Direct contact with water, salt water, or oil.
(3) High humidity conditions where water could
condense on the capacitor.
(4) Exposure to toxic gases such as hydrogen
sulfide,sulfuric acid, nitric acid, chlorine, or
ammonia.
(5) Exposure to ozone, radiation, or ultraviolet rays.
(6) Vibration and shock conditions exceeding
specified requirements.
3.2 Electrical Precautions
(1) Avoid touching the terminals of the capacitor as
possible electric shock could result. The exposed
aluminium case is not insulated and could also
cause electric shock if touched.
(2) Avoid short circuitin g the area between the
capacitor terminals with conductive materials
including liquids such as acids or alkaline solutions.
Type
Surface mount type
Lead type
Snap-in type
Series
V(Except EB
Series
)
Bi-polar SU
M
KA
Bi-polar KA
FB
FC
GA
NHG
EB
TA
TS UP
TS HA
Cleaning permitted
L
L
L(~ 100V)
L
L
L
L
L
L(~ 100V)
L(~ 100V)
L
L(~ 100V)
L(~ 100V)


Similar Part No. - ECA1AAK330X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA1AAM102X PANASONIC-ECA1AAM102X Datasheet
666Kb / 33P
   ENGINEERING DRAFT
ECA1AAM103X PANASONIC-ECA1AAM103X Datasheet
666Kb / 33P
   ENGINEERING DRAFT
ECA1AAM153X PANASONIC-ECA1AAM153X Datasheet
666Kb / 33P
   ENGINEERING DRAFT
ECA1AAM222X PANASONIC-ECA1AAM222X Datasheet
666Kb / 33P
   ENGINEERING DRAFT
ECA1AAM331X PANASONIC-ECA1AAM331X Datasheet
666Kb / 33P
   ENGINEERING DRAFT
More results

Similar Description - ECA1AAK330X

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com