Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA600AABC006 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MA600AABC006
Description  MA600 Spartan Screw-mount 3in1 Combination Antenna
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MA600AABC006 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MA600AABC006 Datasheet HTML 1Page - List of Unclassifed Manufacturers MA600AABC006 Datasheet HTML 2Page - List of Unclassifed Manufacturers MA600AABC006 Datasheet HTML 3Page - List of Unclassifed Manufacturers MA600AABC006 Datasheet HTML 4Page - List of Unclassifed Manufacturers MA600AABC006 Datasheet HTML 5Page - List of Unclassifed Manufacturers MA600AABC006 Datasheet HTML 6Page - List of Unclassifed Manufacturers MA600AABC006 Datasheet HTML 7Page - List of Unclassifed Manufacturers MA600AABC006 Datasheet HTML 8Page - List of Unclassifed Manufacturers MA600AABC006 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SPE-12-8-048/D/ZL
Page 3 of 23
MA600.A301111.B305111.C305111
2. Specification
GPS-GLONASS
Centre Frequency
1575.42MHz / 1602MHz
Bandwidth
10MHz
Radiation Efficiency
50(without cable)
Passive Gain @
Zenith
4.0 typ(with ψ=140mm ground)
VSWR
2
Impedance
50Ω
DC Power Input
Range
3 ~ 5V
DC input
3.3V
4.0V
5.5V
MHz
1575.42
1602
1575.42
1602
1575.42
1602
VSWR
2
2
2
2
2
2
LNA Gain
29.2
29
31
31
32.3
32
Noise Figure
3.1
3.1
3.2
3.2
3.4
3.4
Power Consumption
7.5
7.5
9.4
9.4
15
15
Band Attenuation
1520MHz: -20dB
1642MHz: -20dB
1520MHz: -20dB
1642MHz: -20dB
1520MHz: -20dB
1642MHz: -20dB
Cable
3m RG-174 standard, fully customizable
Connector
SMA(M) standard, fully customizable
CELLULAR
Frequency (GHz)
824 ~ 896
880 ~ 960
1710 ~
1880
1850 ~
1990
1710 ~
2170
Peak Gain (dBi)
2.1
-0.2
2.9
3.0
5.1
Average (dBi)
-4.7
-7.5
-2.7
-3.1
-3.1
Efficiency
35%
20%
51%
49%
49%
Impedance
50Ω
Polarization
Linear
Radiation Pattern
Omni
Cable
3m CFD200 standard, fully customizable
Connector
SMA(M) standard, fully customizable


Similar Part No. - MA600AABC006

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA600AABC006 TAOGLAS-MA600AABC006 Datasheet
849Kb / 23P
   MA600 Spartan Screw-mount 3in1 Combination Antenna
More results

Similar Description - MA600AABC006

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA600AABC007 ETC2-MA600AABC007 Datasheet
1Mb / 25P
   MA600 Spartan Screw-mount 3in1 Combination Antenna
logo
Taoglas antenna solutio...
MA600AABC006 TAOGLAS-MA600AABC006 Datasheet
849Kb / 23P
   MA600 Spartan Screw-mount 3in1 Combination Antenna
MA600.A.ABC.006 TAOGLAS-MA600.A.ABC.006_17 Datasheet
1Mb / 23P
   MA600 Spartan Screw-mount 3in1 Combination Antenna
MA600.A.ABC.007 TAOGLAS-MA600.A.ABC.007_17 Datasheet
1Mb / 22P
   MA600 Spartan Screw Mount 3in1 Combination Antenna
logo
List of Unclassifed Man...
MA600WAABC001 ETC2-MA600WAABC001 Datasheet
970Kb / 23P
   MA600.W Spartan Screw-mount 3in1 Combination Antenna
logo
Taoglas antenna solutio...
MA600.W.A.ABC.001 TAOGLAS-MA600.W.A.ABC.001_17 Datasheet
1Mb / 23P
   MA600.W Spartan Screw-mount 3in1 Combination Antenna
MA600WAABC001 TAOGLAS-MA600WAABC001 Datasheet
907Kb / 23P
   MA600.W Spartan Screw-mount 3in1 Combination Antenna ??White Version
MA602.A.ABJ.002 TAOGLAS-MA602.A.ABJ.002_17 Datasheet
1Mb / 16P
   Spartan Screwmount 3in1 Combination Antenna
MA600AABC007 TAOGLAS-MA600AABC007 Datasheet
1Mb / 24P
   MA600 Spartan Screw Mount
MA602AABJ002 TAOGLAS-MA602AABJ002 Datasheet
1Mb / 16P
   Spartan ScrewMount 3in1 Combination Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com