Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECA1CAK470X Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECA1CAK470X
Description  Aluminum Electrolytic Capacitor/ AK (For Audio)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA1CAK470X Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECA1CAK470X Datasheet HTML 1Page - Panasonic Semiconductor ECA1CAK470X Datasheet HTML 2Page - Panasonic Semiconductor ECA1CAK470X Datasheet HTML 3Page - Panasonic Semiconductor ECA1CAK470X Datasheet HTML 4Page - Panasonic Semiconductor ECA1CAK470X Datasheet HTML 5Page - Panasonic Semiconductor ECA1CAK470X Datasheet HTML 6Page - Panasonic Semiconductor ECA1CAK470X Datasheet HTML 7Page - Panasonic Semiconductor ECA1CAK470X Datasheet HTML 8Page - Panasonic Semiconductor ECA1CAK470X Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Aluminum Electrolytic Capacitor
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/ or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
– EE18 –
1.3 Common Application Conditions to Avoid
The following misapplication load conditions will
cause rapid deter ioration to capacitor electr ical
par ameters. l n addition, rapid heating and gas
generation within the capacitor can occur causing
the pressure relief vent to operate and resuItant
leakage of electrolyte. Under extreme conditions,
explosion and fire could result. Leakinq electrolyte
is combustible and electrically conductive.
(1) Reverse Voltaqe
DC capacitors have polarity. Verify correct polarity
before inser tion. For circuits with changing or
uncer tain polarity,use DC bipolar capacitors. DC
bipolar capacitors are not suitable for use in AC
circuits.
(2) Charqe/Discharqe Applications
Standard capacitors are not suitable for use in
repeating charge/discharge applications. Fo r
charqe/discharqe applications consult us and advise
actual conditions.
(3) Overvoltage
Do not appIy voltaqes exceeding the maximum
specified rated voltages. Voltage up to the surge
voltage rating are acceptable for shor t periods of
time. Ensure that the sum of the DC voltage and
the super imposed AC r ipple voltage does not
exceed the rated voltage.
(4) Ripple Current
Do not apply ripple currents exceeding the maximum
specified value. For high ripple current applications,
use a capacitor designed for high rippIe currents
or contact us with your requirements.
Ensure that allowable ripple currents superimposed
on low DC bias voltages do not cause reverse voltage
conditions.
1.4 Using Two or More Capacitors in Series
or Parallel
(1) Capacitors Connected in Parallel
The circuit resistance can closely approximate the
ser ies resistance of the capacitor causing an
imbalance of r ipple current loads w i t h in the
capacitors. Careful design of wiring methods can
minimize the possibility of excessive ripple currents
applied to a capacitor.
(2) Capacitors Connected in Series
Nor mal DC leakage curren t differences among
capacitors can cause voltage imbalances. The use
of voltage divider shunt resistors with consideration
to leakage currents, can prevent capacitor voltage
imbaIances.
1.5 Capacitor Mounting Considerations
(1) DoubIe - Sided Circuit Boards
Avoid wir ing Patter n r uns which pass between
the mounted capacitor and the circuit board. When
dipping into a solder bath, excess solder may collect
under the capacitor b y capillar y action and
shortcircuit the anode and cathode terminals.
(2) Circuit Board Hole Positioning
The vinyl sleeve of the capacitor can be damaged
if solder passes through a lead hole f o r
subsequently processed parts. Special care when
locating hole positions in proximity to capacitors is
recommended.
(3) Circuit Board Hole Spacing
The circuit board holes spacing should match the
capacitor lead wire spacing within the specified
tolerances. Incorrect spacing can cause excessive
lead wire stress during the insertion process. This
may resuIt in premature capacitor failure due to
short or open circuit, increased leakage current,
or electrolyte leakage.
(4)Land/Pad Pattern
The circuit board land/pad pattern size for chip
capacitors is specified in the following table.
[ Table of Board Land Size vs. Capacitor Size ]
Among others, when the size a is wide , back fillet can
not be made, decreasing fitting strength.
h Decide considering mounting condition, solderability
and fitting strength, etc. based on the design
standards of your company.
b
a
b
c
Board land part
Size
A(
φ3)
B(
φ4)
C(
φ5)
D(
φ6.3)
E(
φ8 x 6.2L)
F(
φ8 x 10.2L)
G(
φ10 x 10.2L)
a
0.6
1.0
1.5
1.8
2.2
3.1
4.6
b
2.2
2.5.
2.8
3.2
4.0
4.0
4.1
c
1.5
1.6
1.6
1.6
1.6
2.0
2.0
(mm)


Similar Part No. - ECA1CAK470X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA1CAM100X PANASONIC-ECA1CAM100X Datasheet
666Kb / 33P
   ENGINEERING DRAFT
ECA1CAM101X PANASONIC-ECA1CAM101X Datasheet
666Kb / 33P
   ENGINEERING DRAFT
ECA1CAM102X PANASONIC-ECA1CAM102X Datasheet
666Kb / 33P
   ENGINEERING DRAFT
ECA1CAM103X PANASONIC-ECA1CAM103X Datasheet
666Kb / 33P
   ENGINEERING DRAFT
ECA1CAM220X PANASONIC-ECA1CAM220X Datasheet
666Kb / 33P
   ENGINEERING DRAFT
More results

Similar Description - ECA1CAK470X

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com