Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A426316BV Datasheet(PDF) 10 Page - AMIC Technology

Part # A426316BV
Description  64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A426316BV Datasheet(HTML) 10 Page - AMIC Technology

Back Button A426316BV Datasheet HTML 6Page - AMIC Technology A426316BV Datasheet HTML 7Page - AMIC Technology A426316BV Datasheet HTML 8Page - AMIC Technology A426316BV Datasheet HTML 9Page - AMIC Technology A426316BV Datasheet HTML 10Page - AMIC Technology A426316BV Datasheet HTML 11Page - AMIC Technology A426316BV Datasheet HTML 12Page - AMIC Technology A426316BV Datasheet HTML 13Page - AMIC Technology A426316BV Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
A426316B Series
PRELIMINARY
(November, 2000, Version 0.0)
9
AMIC Technology, Inc.
AC Characteristics (continued)
(VCC = 5V
± 10%, VSS = 0V, Ta = 0°C to +70°C)
#
Std
Symbol
Parameter
-30
-35
-40
Unit
Notes
Min.
Max.
Min.
Max.
Min.
Max.
55
tOEH
OE
Command Hold Time
10
-
10
-
10
-
ns
56
tCPT
CAS
Precharge Time
( CAS -before- RAS Counter Test)
20
-
20
-
20
-
ns
Notes:
1.
ICC1, ICC3, ICC4, and ICC5 depend on cycle rate.
2.
ICC1 and ICC4 depend on output loading. Specified values are obtained with the outputs open.
3.
An initial pause of 200
µs is required after power-up followed by any 8 RAS cycles before proper device operation is
achieved. In the case of an internal refresh counter, a minimum of 8 CAS -before- RAS initialization cycles instead of 8
RAS
cycles are required. 8 initialization cycles are required after extended periods of bias without clocks (greater than
8ms).
4.
AC Characteristics assume tT = 3ns. All AC parameters are measured with a load equivalent to one TTL loads and
50pF, VIL (min.)
≥ GND and VIH (max.) ≤ VCC.
5.
VIH (min.) and VIL (max.) are reference levels for measuring timing of input signals. Transition times are measured
between VIH and VIL.
6.
Operation within the tRCD (max.) limit insures that tRAC (max.) can be met. tRCD (max.) is specified as a reference
point only. If tRCD is greater than the specified tRCD (max.) limit, then access time is controlled exclusively by tCAC.
7.
Operation within the tRAD (max.) limit insures that tRAC (max.) can be met. tRAD (max.) is specified as a reference
point only. If tRAD is greater than the specified tRAD (max.) limit, then access time is controlled exclusively by tAA.
8.
Assumes three state test load (5pF and a 380
Ω Thevenin equivalent).
9.
Either tRCH or tRRH must be satisfied for a read cycle.
10. tOFF (max.) defines the time at which the output achieves the open circuit condition; it is not referenced to output
voltage levels.
11. tWCS, tWCH, tRWD, tCWD and tAWD are not restrictive operating parameters. They are included in the data sheet
as electrical characteristics only. If tWCS
≥ tWCS (min.) and tWCH ≥ tWCH (min.), the cycle is an early write cycle
and data-out pins will remain open circuit, high impedance, throughout the entire cycle. If tRWD
≥ tRWD (min.) , tCWD
tCWD (min.) and tAWD
≥ tAWD (min.), the cycle is a read-modify-write cycle and the data out will contain data read from
the selected cell. If neither of the above conditions is satisfied, the condition of the data out at access time is
indeterminate.
12. These parameters are referenced to
UCAS and LCAS leading edge in early write cycles and to WE leading edge in
read-modify-write cycles.
13. Access time is determined by the longer of tAA or tCAC or tCPA.
14. tASC
≥ tCP to achieve tPC (min.) and tCPA (max.) values.
15. These parameters are sampled and not 100% tested.


Similar Part No. - A426316BV

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
A4264B-2SUR-S530-A3 EVERLIGHT-A4264B-2SUR-S530-A3 Datasheet
104Kb / 6P
   3mm 2Pcs Circuit Board Indicator
A4264B-2SYG-S530-E2 EVERLIGHT-A4264B-2SYG-S530-E2 Datasheet
98Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A4264B-2SYG-S530-E2-C199 EVERLIGHT-A4264B-2SYG-S530-E2-C199 Datasheet
98Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A4264B/2SUR/S530-A3 EVERLIGHT-A4264B/2SUR/S530-A3 Datasheet
104Kb / 6P
   3mm 2Pcs Circuit Board Indicator
A4264B/2SYG/S530-E2/C199 EVERLIGHT-A4264B/2SYG/S530-E2/C199 Datasheet
98Kb / 6P
   3mm 1Pcs Circuit Board Indicator
More results

Similar Description - A426316BV

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A420616 AMICC-A420616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com