Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA700AABC002 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MA700AABC002
Description  Pantheon Antenna 3in1 MA.700 Screw-Mount
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MA700AABC002 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MA700AABC002 Datasheet HTML 1Page - List of Unclassifed Manufacturers MA700AABC002 Datasheet HTML 2Page - List of Unclassifed Manufacturers MA700AABC002 Datasheet HTML 3Page - List of Unclassifed Manufacturers MA700AABC002 Datasheet HTML 4Page - List of Unclassifed Manufacturers MA700AABC002 Datasheet HTML 5Page - List of Unclassifed Manufacturers MA700AABC002 Datasheet HTML 6Page - List of Unclassifed Manufacturers MA700AABC002 Datasheet HTML 7Page - List of Unclassifed Manufacturers MA700AABC002 Datasheet HTML 8Page - List of Unclassifed Manufacturers MA700AABC002 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
SPE-13-8-002/B/ZL
Page 3 of 29
MA700.A301111.B305111.C305151
2. Specification
GPS-GLONASS
Centre Frequency
1575.42MHz / 1602MHz
Bandwidth
10MHz
Radiation Efficiency
50(without cable)
Passive Gain @
Zenith
4.0 typ(with ψ=140mm ground)
VSWR
2
Impedance
50Ω
DC Power Input
Range
3 ~ 5V
DC input
3.3V
4.0V
5.5V
MHz
1575.42
1602
1575.42
1602
1575.42
1602
VSWR
2
2
2
2
2
2
LNA Gain
29.2
29
31
31
32.3
32
Noise Figure
3.1
3.1
3.2
3.2
3.4
3.4
Power Consumption
7.5
7.5
9.4
9.4
15
15
Band Attenuation
1520MHz: -20dB
1642MHz: -20dB
1520MHz: -20dB
1642MHz: -20dB
1520MHz: -20dB
1642MHz: -20dB
Cable
3m RG-174 standard, fully customizable
Connector
SMA(M) standard, fully customizable
CELLULAR ANTENNA
Frequency (MHz)
700~ 800
824 ~
896
880 ~ 960
1710~
1880
1850~19
90
1710~21
70
Peak Gain (dBi)
2.4
1.6
1.7
2.1
2.4
2.4
Average Gain (dBi)
-1.3
-2.0
-2.3
-2.8
-2.7
-2.7
Efficiency
73%
61%
58%
52%
52%
52%
Impedance
50Ω
Polarization
Linear
Radiation Pattern
Omni
Cable
3m CFD200 standard, fully customizable
Connector
SMA(M) standard, standard, fully customizable


Similar Part No. - MA700AABC002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA700AABC001 ETC2-MA700AABC001 Datasheet
1Mb / 29P
   Pantheon Antenna 3in1 MA.700 Screw-Mount
logo
Taoglas antenna solutio...
MA700AABC001 TAOGLAS-MA700AABC001 Datasheet
1Mb / 30P
   Pantheon Antenna 3in1 MA.700 Screw-Mount (Permanent Mount)
More results

Similar Description - MA700AABC002

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA700.A.ABC.001 TAOGLAS-MA700.A.ABC.001_18 Datasheet
2Mb / 30P
   Pantheon Antenna 3in1 MA.700 Screw-Mount
logo
List of Unclassifed Man...
MA700AABC001 ETC2-MA700AABC001 Datasheet
1Mb / 29P
   Pantheon Antenna 3in1 MA.700 Screw-Mount
logo
Taoglas antenna solutio...
MA700.A.ABC.002 TAOGLAS-MA700.A.ABC.002_17 Datasheet
2Mb / 32P
   Pantheon Antenna 3in1 MA.700 Screw-Mount
MA700AABC001 TAOGLAS-MA700AABC001 Datasheet
1Mb / 30P
   Pantheon Antenna 3in1 MA.700 Screw-Mount (Permanent Mount)
MA705.A.ABC.001 TAOGLAS-MA705.A.ABC.001_17 Datasheet
1Mb / 23P
   Pantheon Antenna 3in1 MA.705 Screw-Mount
MA710.A.ABI.001 TAOGLAS-MA710.A.ABI.001_17 Datasheet
1Mb / 20P
   Pantheon Antenna 3in1 MA.710 Screw-Mount
logo
List of Unclassifed Man...
MA705AABC001 ETC2-MA705AABC001 Datasheet
1Mb / 22P
   Pantheon Antenna 3in1 MA.705 Screw-Mount
MA710AABI001 ETC2-MA710AABI001 Datasheet
4Mb / 21P
   Pantheon Antenna 3in1 MA.710 Screw-Mount
logo
Taoglas antenna solutio...
MA710.W.A.ABI.001 TAOGLAS-MA710.W.A.ABI.001_17 Datasheet
1Mb / 19P
   White Pantheon Antenna 3in1 MA.710 Screw-Mount
logo
List of Unclassifed Man...
MA700W ETC2-MA700W Datasheet
1Mb / 29P
   Pantheon Antenna 3in1 MA700.W Screw-Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com