Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV34D75KP Datasheet(PDF) 5 Page - World Produts Inc.

Part # EV34D75KP
Description  Metal Oxide Varistors
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV34D75KP Datasheet(HTML) 5 Page - World Produts Inc.

  EV34D75KP Datasheet HTML 1Page - World Produts Inc. EV34D75KP Datasheet HTML 2Page - World Produts Inc. EV34D75KP Datasheet HTML 3Page - World Produts Inc. EV34D75KP Datasheet HTML 4Page - World Produts Inc. EV34D75KP Datasheet HTML 5Page - World Produts Inc. EV34D75KP Datasheet HTML 6Page - World Produts Inc. EV34D75KP Datasheet HTML 7Page - World Produts Inc. EV34D75KP Datasheet HTML 8Page - World Produts Inc. EV34D75KP Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
Metal Oxide Varistors - EV Series | 3
NOTES:
Nil = 5mm through 20mm Standard Series wire leads. 22mm & 34mm Standard Series (tab leads).
J = 5mm through 20mm High Energy series.
H = 14mm, 20mm & 34mm Ultra High Energy series. (not applicable for 34mm “A” Type)
B = Uncoated disk (with leads).
A = Uncoated disk (without leads), includes “L” option for 22mm disk size.
S = Flame retardant coating option.
P = 22mm & 34mm Pin Type.
Y = 22mm disk size with 14mm lead spacing.
W = 22mm disk size with wire lead.
PE = PENDING
*UL1449 3RD Edition SPD Application Category Type designation:
5mm (11VAC – 40VAC) = other 1
5mm (50VAC – 360VAC) = other 2
7mm (All) = other 3
10mm (11VAC – 40VAC) = other 4
10mm (50VAC – 680VAC) = other 5
14mm = Type 3
20mm = Type 2
22mm = Type 2
34mm = Type 1
**For 22mm disk size only, standard 22mm leadspacing option is UL/CUL recognized. 22mm disk size, with 14mm lead spacing op-
tion is pending UL/CUL recognition.
APPROVAL
& FILE #
DISK SIZE
5mm
7mm
10mm
14mm
Suffix Codes
Nil
J
A
B
S
Nil
J
A
B
S
Nil
J
A
B
S
Nil
J
H
A
B
S
UL 1449
3RD EDITION,
FILE#E321567*
√ √ √ √ √ √
√ √ √ √ √ √ √ √ √ √ √ √ √ √ √
CUL 1449
3RD EDITION,
FILE#E321567*
√ √ √ √ √ √
√ √ √ √ √ √ √ √ √ √ √ √ √ √ √
VDE
IEC60950-1
Annex Q
PENDING
PENDING
PENDING
PENDING
APPROVAL
& FILE #
DISK SIZE
20mm
22mm**
34mm
Suffix Codes
Nil
J
H
A
B
S
Nil
A
P
Y
W
Nil
H
A
P
UL 1449
3RD EDITION,
FILE#E321567*
PE
CUL 1449
3RD EDITION,
FILE#E321567*
PE
VDE
IEC60950-1
Annex Q
FILE #40031768
PENDING
PE PE PE
PE
PENDING
Approvals


Similar Part No. - EV34D75KP

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3410DJ-00A MPS-EV3410DJ-00A Datasheet
156Kb / 4P
   1.8V Minimum Input, 3.3V/300mA Output Synchronous Boost Converter EV Board
EV3412EJ-00A MPS-EV3412EJ-00A Datasheet
149Kb / 4P
   1.1A Synchronous Boost White LED Driver Evaluation Board
EV3414-J-00A MPS-EV3414-J-00A Datasheet
275Kb / 5P
   1.8A, 1MHz Synchronous Boost Converter Evaluation Board
EV3414A-J-00A MPS-EV3414A-J-00A Datasheet
582Kb / 7P
   3A, 1MHz Synchronous Step-Up Converter with Output Disconnect Evaluation Board
EV3415-G-00A MPS-EV3415-G-00A Datasheet
477Kb / 7P
   3.6A, 1MHz Synchronous Step-up Converter with Output Disconnect Evaluation Board
More results

Similar Description - EV34D75KP

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com