Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV040BB-55RJEB Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29LV040BB-55RJEB
Description  4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV040BB-55RJEB Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29LV040BB-55RJEB Datasheet HTML 1Page - Advanced Micro Devices AM29LV040BB-55RJEB Datasheet HTML 2Page - Advanced Micro Devices AM29LV040BB-55RJEB Datasheet HTML 3Page - Advanced Micro Devices AM29LV040BB-55RJEB Datasheet HTML 4Page - Advanced Micro Devices AM29LV040BB-55RJEB Datasheet HTML 5Page - Advanced Micro Devices AM29LV040BB-55RJEB Datasheet HTML 6Page - Advanced Micro Devices AM29LV040BB-55RJEB Datasheet HTML 7Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Am29LV040B
5
ADV ANCE
I N FO RMAT I O N
CONNECTION DIAGRAMS
1
16
2
3
4
5
6
7
8
9
10
11
12
13
14
15
32
17
31
30
29
28
27
26
25
24
23
22
21
20
19
18
A11
A9
A8
A13
A14
A17
WE#
VCC
A18
A16
A15
A12
A7
A6
A5
A4
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
32-pin Standard TSOP
21354A-3
32-Pin Reverse TSOP
1
16
2
3
4
5
6
7
8
9
10
11
12
13
14
15
A11
A4
A9
A8
A13
A14
A17
WE#
VCC
A18
A16
A15
A12
A7
A6
A5
32
17
31
30
29
28
27
26
25
24
23
22
21
20
19
18
OE#
A3
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2


Similar Part No. - AM29LV040BB-55RJEB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV040B AMD-AM29LV040B Datasheet
695Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
AM29LV040B-120EC AMD-AM29LV040B-120EC Datasheet
695Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
AM29LV040B-120ED AMD-AM29LV040B-120ED Datasheet
695Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
AM29LV040B-120EE AMD-AM29LV040B-120EE Datasheet
695Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
AM29LV040B-120EF AMD-AM29LV040B-120EF Datasheet
695Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
More results

Similar Description - AM29LV040BB-55RJEB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV040B AMD-AM29LV040B_06 Datasheet
695Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
AM29LV104B AMD-AM29LV104B Datasheet
39Kb / 7P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
AM29F040B AMD-AM29F040B Datasheet
394Kb / 30P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
SPANSION
AM29F040B-09 SPANSION-AM29F040B-09 Datasheet
918Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F040B AMD-AM29F040B_06 Datasheet
981Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Force Technologies Ltd
FT29F040B FORCE-FT29F040B Datasheet
3Mb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F040B-1 AMD-AM29F040B-1 Datasheet
790Kb / 35P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29LV020B AMD-AM29LV020B Datasheet
39Kb / 7P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
AM29LV033C AMD-AM29LV033C_06 Datasheet
1,009Kb / 49P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV004B-1 AMD-AM29LV004B-1 Datasheet
769Kb / 40P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com