Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6652 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 1 Page - STMicroelectronics

  PM6652 Datasheet HTML 1Page - STMicroelectronics PM6652 Datasheet HTML 2Page - STMicroelectronics PM6652 Datasheet HTML 3Page - STMicroelectronics PM6652 Datasheet HTML 4Page - STMicroelectronics PM6652 Datasheet HTML 5Page - STMicroelectronics PM6652 Datasheet HTML 6Page - STMicroelectronics PM6652 Datasheet HTML 7Page - STMicroelectronics PM6652 Datasheet HTML 8Page - STMicroelectronics PM6652 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
This is information on a product in full production.
March 2012
Doc ID 16867 Rev 5
1/53
53
PM6652
Single-phase controller for Intel® MVP 6.5 render voltage regulator,
CPU and VR11 CPU
Datasheet
production data
Features
4.5 V to 36 V input voltage range
0.3 V to 1.5 V output voltage range
IMVP6.5 GPU/CPU and VR11 CPU mode
selection
Very fast load transient response using
constant-on-time loop control
Remote voltage sensing
Programmable droop function
7-bit dynamic voltage positioning (VID)
Programmable PWM frequency
Lossless current sense with inductor DCR
Accurate inductor current sense with RSENSE
Negative current limit
Boot diode embedded
Latched OVP, UVP and overtemperature
Pulse-skipping when suspend state is selected
Output voltage ripple compensation
Soft-start and soft-end
Power good available
Current monitor (IMON)
Thermal throttling
Applications
Intel mobile graphic core IMVP6.5
Intel mobile CPU IMVP6.5
Intel ATOM
® VR11 based devices
Notebook, netbook and nettop computers
Handheld devices and PDAs
Description
The PM6652 is a single-phase, step-down SMPS
controller with high precision 7-bit DAC. It has
been designed to supply the CPU and the
graphics core (render engine) of the Intel® mobile
platform, according to Intel MVP6.5
specifications.
The PM6652 can also be configured to supply the
7-bit family, VR11 compliant, ATOM® processors.
The controller, based on constant on-time (COT)
architecture, allows real-time dynamic switching
of the core operating voltages and frequencies,
working in both performance and suspend render
states.
An embedded integrator control loop
compensates the DC voltage error due to the
output ripple.
The high efficiency at light load, achieved with
pulse-skipping working mode, and the extremely
low shutdown and quiescent adsorbed current,
make the PM6652 the ideal choice in battery
powered devices.
VFQFPN-32 5x5 mm
Table 1.
Device summary
Order codes
Package
Packaging
PM6652
VFQFPN-32 5 x 5 mm (exposed pad)
Tray
PM6652TR
Tape and reel
www.st.com


Similar Part No. - PM6652

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PM66 PROTEC-PM66 Datasheet
704Kb / 2P
   51-65 WATT MEDICAL SWITCHING POWER SUPPLIES
logo
Powerbox
PM66 POWERBOX-PM66 Datasheet
622Kb / 2P
   51-65 WATTS SINGLE OUTPUT AC/DC MEDICAL
logo
Protek Devices
PM66-10A PROTEC-PM66-10A Datasheet
704Kb / 2P
   51-65 WATT MEDICAL SWITCHING POWER SUPPLIES
logo
Powerbox
PM66-10A POWERBOX-PM66-10A Datasheet
622Kb / 2P
   51-65 WATTS SINGLE OUTPUT AC/DC MEDICAL
logo
Protek Devices
PM66-12A PROTEC-PM66-12A Datasheet
704Kb / 2P
   51-65 WATT MEDICAL SWITCHING POWER SUPPLIES
More results

Similar Description - PM6652

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3816 LINER-LTC3816_15 Datasheet
763Kb / 44P
   Single-Phase Wide VIN Range DC/DC Controller for Intel IMVP-6/IMVP-6.5 CPUs
logo
Intersil Corporation
ISL62881HRTZ INTERSIL-ISL62881HRTZ Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
June 16, 2011
ISL62881CHRTZ INTERSIL-ISL62881CHRTZ Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
March 8, 2010
ISL62881C INTERSIL-ISL62881C Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62881 INTERSIL-ISL62881 Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62881 INTERSIL-ISL62881_10 Datasheet
823Kb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Renesas Technology Corp
ISL62881C RENESAS-ISL62881C Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62881 RENESAS-ISL62881 Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
National Semiconductor ...
LM27262 NSC-LM27262 Datasheet
1Mb / 22P
   Intel CPU Core Voltage Regulator Controller for VRD10 Compatible PCs
logo
ON Semiconductor
NCP81250 ONSEMI-NCP81250 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com