Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A42L8316V Datasheet(PDF) 7 Page - AMIC Technology

Part # A42L8316V
Description  256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A42L8316V Datasheet(HTML) 7 Page - AMIC Technology

Back Button A42L8316V Datasheet HTML 3Page - AMIC Technology A42L8316V Datasheet HTML 4Page - AMIC Technology A42L8316V Datasheet HTML 5Page - AMIC Technology A42L8316V Datasheet HTML 6Page - AMIC Technology A42L8316V Datasheet HTML 7Page - AMIC Technology A42L8316V Datasheet HTML 8Page - AMIC Technology A42L8316V Datasheet HTML 9Page - AMIC Technology A42L8316V Datasheet HTML 10Page - AMIC Technology A42L8316V Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
A42L8316 Series
PRELIMINARY
(August, 2002, Version 0.1)
6
AMIC Technology, Inc.
AC Characteristics (VCC = 3.3V
± 0.3V, VSS = 0V, Ta = 0°C to +70°C or -40°C to +85°C)
Test Conditions:
Input timing reference level: VIH/VIL=2.0V/0.8V
Output reference level: VOH/VOL=2.0V/0.8V
Output Load: 2TTL gate + CL (50pF)
Assumed tT=2ns
-30
-35
-40
#
Std
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Notes
tT
Transition Time (Rise and Fall)
1
50
1
50
1
50
ns
4, 5
1
tRC
Random Read or Write Cycle
Time
54
-
62
-
70
-
ns
2
tRP
RAS Precharge Time
20
-
23
-
26
-
ns
3
tRAS
RAS Pulse Width
30
10K
35
10K
40
10K
ns
4
tCAS
CAS Pulse Width
5
10K
6
10K
7
10K
ns
5
tRCD
RAS to CAS Delay Time
10
21
10
25
10
29
ns
6
6
tRAD
RAS to Column Address Delay
Time
8
14
8
18
8
22
ns
7
7
tRSH
CAS to RAS Hold Time
5
-
6
-
7
-
ns
8
tCSH
CAS Hold Time
29
-
31
-
33
-
ns
9
tCRP
CAS to RAS Precharge Time
5
-
5
-
5
-
ns
10
tASR
Row Address Setup Time
0
-
0
-
0
-
ns
11
tRAH
Row Address Hold Time
5
-
6
-
7
-
ns
12
tCLZ
CAS to Output in Low Z
3
-
3
-
3
-
ns
8
13
tRAC
Access Time from RAS
-
30
-
35
-
40
ns
6,7
14
tCAC
Access Time from CAS
-
9
-
10
-
11
ns
6, 13
15
tAA
Access Time from Column
Address
-
16
-
17
-
18
ns
7, 13
16
tOEA
OE Access Time
-
9
-
10
-
11
ns
17
tAR
Column Address Hold Time from
RAS
26
-
31
-
36
-
ns


Similar Part No. - A42L8316V

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - A42L8316V

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A426316B AMICC-A426316B Datasheet
419Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com