Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC14033000D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PC14033000D
Description  Circular Dual-Band 2.4~5.2GHz PCB antenna with cable and connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC14033000D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PC14033000D Datasheet HTML 1Page - List of Unclassifed Manufacturers PC14033000D Datasheet HTML 2Page - List of Unclassifed Manufacturers PC14033000D Datasheet HTML 3Page - List of Unclassifed Manufacturers PC14033000D Datasheet HTML 4Page - List of Unclassifed Manufacturers PC14033000D Datasheet HTML 5Page - List of Unclassifed Manufacturers PC14033000D Datasheet HTML 6Page - List of Unclassifed Manufacturers PC14033000D Datasheet HTML 7Page - List of Unclassifed Manufacturers PC14033000D Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SPE-12-8-110/A/SS
Page 2 of 8
1.Introduction
The PC14.03.3000D is a high performance wireless antenna for internal use in
Wi-Fi or WLAN equipment worldwide. Omni-directional gain across both bands
ensures constant reception and transmission. Its compact size and high
performance make it ideal for integration into today’s devices.
Cable and connector are fully customizable.
2.Specification
Parameter
Multi-Standard
Communication System
Frequency Range (GHz)
2.4
2.45
2.5
5.15
5.25
5.35
VSWR
1.46
1.66
1.60
1.76
1.41
1.48
Return Loss
-14.53
-12.1
-12.66
-11.14
-15.25
-14.18
Impedance
50 Ohms
Radiation
Omni
Polarization
Horizontal
MECHANICAL
Dimensions
42mm*0.8 mm
Connector
RP-SMA(M)
Cable Standard
RG-174
ENVIRONMENTAL
Operation Temperature
-40 ºC ~ +85 ºC
Storage Temperature
-40 ºC ~ +85 ºC
RoHS Compliant
Yes


Similar Part No. - PC14033000D

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC14033000D TAOGLAS-PC14033000D Datasheet
741Kb / 9P
   Circular Dual-Band 2.4~5.2GHz PCB antenna
More results

Similar Description - PC14033000D

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC14033000D TAOGLAS-PC14033000D Datasheet
741Kb / 9P
   Circular Dual-Band 2.4~5.2GHz PCB antenna
logo
List of Unclassifed Man...
MA501CAC001 ETC2-MA501CAC001 Datasheet
722Kb / 13P
   Heavy Duty Screw Mount Antenna GPS/Dual-Band 2.4-5.2GHz
PC11070100A ETC2-PC11070100A Datasheet
259Kb / 9P
   PCB Dual-band 2.4 / 5.2 GHz antenna
PC11090100A ETC2-PC11090100A Datasheet
277Kb / 9P
   PCB Dual-band 2.4 / 5.2 GHz antenna
logo
Taoglas antenna solutio...
FXP543A07A001 TAOGLAS-FXP543A07A001 Datasheet
2Mb / 21P
   Venti Circular 2.4/5.8GHz Flexible PCB Antenna
PC11090100A TAOGLAS-PC11090100A Datasheet
344Kb / 10P
   TheStripe PCB Dual-band 2.4 / 5.2 GHz antenna
PC11070100A TAOGLAS-PC11070100A Datasheet
320Kb / 10P
   TheStripe PCB Dual-band 2.4 / 5.2 GHz antenna
logo
Molex Electronics Ltd.
2042810100 MOLEX-2042810100_V01 Datasheet
167Kb / 1P
   2.4/5GHZ WIFI DUAL BAND ANTENNA
2020/09/15
logo
Taoglas antenna solutio...
PC23.09.0100A TAOGLAS-PC23.09.0100A_12 Datasheet
505Kb / 7P
   Internal Circular PCB Antenna
PC23090100A TAOGLAS-PC23090100A Datasheet
381Kb / 7P
   Internal Circular PCB Antenna
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com