Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29L160TV-90 Datasheet(PDF) 6 Page - AMIC Technology

Part # A29L160TV-90
Description  2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L160TV-90 Datasheet(HTML) 6 Page - AMIC Technology

Back Button A29L160TV-90 Datasheet HTML 2Page - AMIC Technology A29L160TV-90 Datasheet HTML 3Page - AMIC Technology A29L160TV-90 Datasheet HTML 4Page - AMIC Technology A29L160TV-90 Datasheet HTML 5Page - AMIC Technology A29L160TV-90 Datasheet HTML 6Page - AMIC Technology A29L160TV-90 Datasheet HTML 7Page - AMIC Technology A29L160TV-90 Datasheet HTML 8Page - AMIC Technology A29L160TV-90 Datasheet HTML 9Page - AMIC Technology A29L160TV-90 Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
A29L160 Series
PRELIMINARY
(July, 2002, Version 0.0)
5
AMIC Technology, Inc.
Absolute Maximum Ratings*
Storage Temperature
Plastic Packages . . . . . . . . . . . . . . . . . . . . .0
°C to + 70°C
Ambient Temperature
with Power Applied . . . . . . . . . . . . . . . . . . . 0
°C to + 70°C
Voltage with Respect to Ground
VCC (Note 1) . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +4.0V
A9, OE & RESET (Note 2) . . . . . . . . . . . . -0.5 to +12.5V
All other pins (Note 1) . . . . . . . . . . . . -0.5V to VCC + 0.5V
Output Short Circuit Current (Note 3) . . . . . . . . .
200mA
Notes:
1. Minimum DC voltage on input or I/O pins is -0.5V. During
voltage transitions, input or I/O pins may undershoot
VSS to -2.0V for periods of up to 20ns. Maximum DC
voltage on input and I/O pins is VCC +0.5V. During
voltage transitions, input or I/O pins may overshoot to
VCC +2.0V for periods up to 20ns.
2. Minimum DC input voltage on A9, OE and RESET is
-
0.5V. During voltage transitions, A9, OE and RESET
may overshoot VSS to -2.0V for periods of up to 20ns.
Maximum DC input voltage on A9 is +12.5V which may
overshoot to 14.0V for periods up to 20ns.
3. No more than one output is shorted at a time. Duration
of the short circuit should not be greater than one
second.
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of
this device at these or any other conditions above
those indicated in the operational sections of these
specification is not implied or intended. Exposure to
the absolute maximum rating conditions for extended
periods may affect device reliability.
Operating Ranges
Commercial (C) Devices
Ambient Temperature (TA) . . . . . . . . . . . . . . 0
°C to +70°C
VCC Supply Voltages
VCC for all devices . . . . . . . . . . . . . . . . . . +2.7V to +3.6V
Operating ranges define those limits between which the
functionally of the device is guaranteed.
Device Bus Operations
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register itself
does not occupy any addressable memory location. The
register is composed of latches that store the commands,
along with the address and data information needed to
execute the command. The contents of the register serve
as inputs to the internal state machine. The state machine
outputs dictate the function of the device. The appropriate
device bus operations table lists the inputs and control
levels required, and the resulting output. The following
subsections describe each of these operations in further
detail.
Table 1. A29L160 Device Bus Operations
I/O8 - I/O15
Operation
CE
OE
WE
RESET
A0 – A19
(Note 1)
I/O0 - I/O7
BYTE =VIH
BYTE =VIL
Read
L
L
H
H
AIN
DOUT
DOUT
I/O8~I/O4=High-Z
I/O15=A-1
Write
L
H
L
H
AIN
DIN
DIN
High-Z
CMOS Standby
VCC
± 0.3 V
X
X
VCC
± 0.3 V
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
X
High-Z
High-Z
High-Z
Hardware Reset
X
X
X
L
X
High-Z
High-Z
High-Z
Sector Protect
(See Note 2)
L
H
L
VID
Sector Address,
A6=L, A1=H, A0=L
DIN
X
X
Sector Unprotect
(See Note 2)
L
H
L
VID
Sector Address,
A6=H, A1=H, A0=L
DIN
X
X
Temporary Sector
Unprotect
X
X
X
VID
AIN
DIN
DIN
X
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 12.0
± 0.5V, X = Don't Care, DIN = Data In, DOUT = Data Out, AIN = Address In
Notes:
1. Addresses are A19:A0 in word mode (
BYTE=VIH), A19: A-1 in byte mode (BYTE=VIL).
2. See the “Sector Protection/Unprotection” section and Temporary Sector Unprotect for more information.


Similar Part No. - A29L160TV-90

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L160 AMICC-A29L160 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160A AMICC-A29L160A Datasheet
572Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160AM AMICC-A29L160AM Datasheet
572Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160ATG-70 AMICC-A29L160ATG-70 Datasheet
572Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160ATG-70F AMICC-A29L160ATG-70F Datasheet
572Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29L160TV-90

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Austin Semiconductor
AS29LV016J AUSTIN-AS29LV016J Datasheet
420Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
logo
AMIC Technology
A29L161B AMICC-A29L161B Datasheet
476Kb / 41P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160A AMICC-A29L160A Datasheet
572Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160C AMICC-A29L160C Datasheet
471Kb / 41P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29160B AMICC-A29160B Datasheet
508Kb / 43P
   2M X 8 Bit / 1M X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com