Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC24090100A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PC24090100A
Description  850/900/1800/1900MHZ GSM PCB ANTENNA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC24090100A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PC24090100A Datasheet HTML 1Page - List of Unclassifed Manufacturers PC24090100A Datasheet HTML 2Page - List of Unclassifed Manufacturers PC24090100A Datasheet HTML 3Page - List of Unclassifed Manufacturers PC24090100A Datasheet HTML 4Page - List of Unclassifed Manufacturers PC24090100A Datasheet HTML 5Page - List of Unclassifed Manufacturers PC24090100A Datasheet HTML 6Page - List of Unclassifed Manufacturers PC24090100A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPE-12-8-056/B/ZL
Page 2 of 7
1. Introduction
The PC24 Internal PCB Antenna is a compact square Quad-band GSM antenna for incorporation in
antennas and transceiver modules to be used worldwide. Omni-directional gain across all bands
ensures constant reception and transmission. Cables and connectors are fully customizable. Antennas
can be tuned to customer housing on request.
2. Typical Antenna Performance in free space


Similar Part No. - PC24090100A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC240.09.0300K TAOGLAS-PC240.09.0300K Datasheet
935Kb / 15P
   Low profile-only 3mm in thickness
PC240090300K TAOGLAS-PC240090300K Datasheet
935Kb / 15P
   Embedded T-Bar 433MHz Adhesive/Screw Mounted Helical Dipole with 0.3M RG316 MMCX(M)RA
logo
Powertip Technology
PC2402-A POWERTIP-PC2402-A Datasheet
75Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PC2402-L POWERTIP-PC2402-L Datasheet
69Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
logo
P-tec Corporation
PC2402A-O P-TEC-PC2402A-O Datasheet
35Kb / 2P
   Character Display
More results

Similar Description - PC24090100A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC27070100A ETC2-PC27070100A Datasheet
252Kb / 8P
   850/900/1800/1900MHz GSM PCB Antenna
logo
Taoglas antenna solutio...
PC27070100A TAOGLAS-PC27070100A Datasheet
252Kb / 8P
   TheStripe 850/900/1800/1900MHz GSM PCB Antenna
PC27.09.0100A TAOGLAS-PC27.09.0100A_17 Datasheet
854Kb / 9P
   TheStripe??50 / 900 / 1800 / 1900MHz GSM PCB Antenna
logo
List of Unclassifed Man...
PC24070100A ETC2-PC24070100A Datasheet
404Kb / 7P
   850/900/1800/1900MHz GSM PCB Antenna 100mm 1.13mm IPEX MHF connector
PC27110100B ETC2-PC27110100B Datasheet
302Kb / 4P
   850/900/1800/1900MHz GSM PCB Antenna w/100mm 0.81mm diameter mini-coaxial cable
logo
Taoglas antenna solutio...
PC27.07.0100A TAOGLAS-PC27.07.0100A_18 Datasheet
569Kb / 11P
   TheStripe??850 / 900 / 1800 / 1900 MHz GSM PCB Antenna
logo
SIMCom
SIM800F SIMCOM-SIM800F Datasheet
142Kb / 1P
   Dual-band 850/900/1800/1900MHz
logo
Taoglas antenna solutio...
PC27090100A TAOGLAS-PC27090100A Datasheet
714Kb / 9P
   850 / 900 / 1800 / 1900MHz GSM PCB Antenna W/100mm 1.13 Coaxial Cable MMCX (M) R/A Connector
logo
List of Unclassifed Man...
PC29070100A ETC2-PC29070100A Datasheet
892Kb / 13P
   GSM 850/900/1800/1900 & UMTS/WCDMA(3G) 2100 MHz 80mm*30mm PCB Antenna
FLA01070045A ETC2-FLA01070045A Datasheet
285Kb / 7P
   Flexible PCB Penta-Band GSM Loop Antenna, 850/900/1800/1900/2100MHz 45mm 1.13cable, IPEX MHFII
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com