Electronic Components Datasheet Search |
|
AME8842GEHA Datasheet(PDF) 1 Page - Analog Microelectronics |
|
AME8842GEHA Datasheet(HTML) 1 Page - Analog Microelectronics |
1 / 12 page Analog Microelectronics, Inc. 1 AME8806 / 8809 / 8842 600mA CMOS LDO n n n n n Typical Application n n n n n Functional Block Diagram n n n n n Features l Very Low Dropout Voltage l Guaranteed 600mA Output l Accurate to within 1.5% l 30 µA Quiescent Current l Over-Temperature Shutdown l Current Limiting l Short Circuit Current Fold-back l Noise Reduction Bypass Capacitor l Power-Saving Shutdown Mode l Space-Saving SO-8 Package l Factory Pre-set Output Voltages l Low Temperature Coefficient n n n n n General Description The AME8806/8809 family of positive, linear regula- tors feature low quiescent current (30 µA typ.) with low dropout voltage, making them ideal for battery applica- tions. The space-saving SO-8 package is attractive for "Pocket" and "Hand Held" applications. These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under the "Worst" of operating conditions. In applications requiring a low noise, regulated supply, place a 1000 pF capacitor between Bypass and ground. The AME8806/8809 is stable with an output capacitance of 2.2 µF or greater. n n n n n Applications l Instrumentation l Portable Electronics l Wireless Devices l Cordless Phones l PC Peripherals l Battery Powered Widgets l Electronic Scales AME8806 AME8809 OUT IN C3 2.2 µF C1 1 µF GND OUT 5V EN BYP IN C2 1 µF AMP GND OUT IN R1 R2 V ref=1.215V BYP Overcurrent Shutdown Thermal Shutdown EN |
Similar Part No. - AME8842GEHA |
|
Similar Description - AME8842GEHA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |