Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD6NK50ZT4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD6NK50ZT4
Description  N-CHANNEL 500V - 0.93ohm - 5.6A TO-220/TO-220FP/DPAK
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD6NK50ZT4 Datasheet(HTML) 3 Page - STMicroelectronics

  STD6NK50ZT4 Datasheet HTML 1Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 2Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 3Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 4Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 5Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 6Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 7Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 8Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
STP6NK50Z - STF6NK50Z - STD6NK50Z
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
ON/OFF
DYNAMIC
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
3. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80%
VDSS.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID =1mA,VGS = 0
500
V
IDSS
Zero Gate Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS =Max Rating,TC = 125 °C
1
50
µA
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS = ± 20V
±10
µA
VGS(th)
Gate Threshold Voltage
VDS =VGS,ID = 50µA
3
3.75
4.5
V
RDS(on)
Static Drain-source On
Resistance
VGS =10V, ID = 2.8 A
0.93
1.2
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS =8 V, ID =2.8 A
4.3
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V,f= 1MHz,VGS = 0
690
100
20
pF
pF
pF
Coss eq. (3)
Equivalent Output
Capacitance
VGS =0V, VDS = 0V to 400V
52
pF
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VDD =250 V, ID =2.8 A
RG =4.7Ω VGS =10 V
(Resistive Load see, Figure 3)
12
23.5
31
23
ns
ns
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD =400V, ID =5.6 A,
VGS =10V
24.6
4.9
13.3
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (2)
Source-drain Current
Source-drain Current (pulsed)
5.6
22.4
A
A
VSD (1)
ForwardOnVoltage
ISD =5.6 A, VGS =0
1.6
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 5.6 A, di/dt = 100 A/µs
VDD =48V, Tj =25°C
(see test circuit, Figure 5)
254
1.2
10
ns
µC
A
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 5.6 A, di/dt = 100 A/µs
VDD =48V, Tj = 150°C
(see test circuit, Figure 5)
360
1.9
11
ns
µC
A


Similar Part No. - STD6NK50ZT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD6NK50ZT4 STMICROELECTRONICS-STD6NK50ZT4 Datasheet
408Kb / 12P
   N-CHANNEL 500V - 0.93 ohm - 5.6A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH MOSFET
April 2004
More results

Similar Description - STD6NK50ZT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP6NK50Z STMICROELECTRONICS-STP6NK50Z Datasheet
408Kb / 12P
   N-CHANNEL 500V - 0.93 ohm - 5.6A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH MOSFET
April 2004
STD4NK50ZT4 STMICROELECTRONICS-STD4NK50ZT4 Datasheet
671Kb / 13P
   N-CHANNEL 500V - 2.4W - 3A TO-220/TO-220FP/DPAK/IPAK
STD5NK40ZT4 STMICROELECTRONICS-STD5NK40ZT4 Datasheet
608Kb / 13P
   N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK
STP4NC50 STMICROELECTRONICS-STP4NC50 Datasheet
107Kb / 9P
   N-CHANNEL 500V - 2.2ohm - 4A TO-220/TO-220FP PowerMeshII MOSFET
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
   N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh??MOSFET
STP4NK50Z STMICROELECTRONICS-STP4NK50Z Datasheet
664Kb / 13P
   N-CHANNEL 500V - 2.4ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STP10NC50 STMICROELECTRONICS-STP10NC50 Datasheet
57Kb / 7P
   N - CHANNEL 500V - 0.48ohm - 10A - TO-220/TO-220FP PowerMESH MOSFET
STP10NB50 STMICROELECTRONICS-STP10NB50 Datasheet
105Kb / 9P
   N - CHANNEL 500V - 0.55ohm - 10.6A - TO-220/TO-220FP PowerMESH MOSFET
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
STD9NM50N STMICROELECTRONICS-STD9NM50N Datasheet
491Kb / 17P
   N-channel 500V - 0.47廓 - 7.5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com