Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDNBS08-T03C Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CDNBS08-T03C
Description  TVS Diode Array Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDNBS08-T03C Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CDNBS08-T03C Datasheet HTML 1Page - Bourns Electronic Solutions CDNBS08-T03C Datasheet HTML 2Page - Bourns Electronic Solutions CDNBS08-T03C Datasheet HTML 3Page - Bourns Electronic Solutions CDNBS08-T03C Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CDNBS08-T03~T36C - TVS Diode Array Series
Packaging Information
The product is packaged in tape and reel format per EIA-481 standard.
DIMENSIONS:
MM
(INCHES)
Item
Symbol
NSOIC 8L
Carrier Width
A
6.7 ± 0.10
(0.264 ± 0.004)
Carrier Length
B
5.5 ± 0.10
(0.217 ± 0.004)
Carrier Depth
C
2.10 ± 0.10
(0.083 ± 0.004)
Sprocket Hole
d
1.55 ± 0.05
(0.061 ± 0.002)
Reel Outside Diameter
D
330
(12.992)
Reel Inner Diameter
D1
80.0
(3.1500)
MIN.
Feed Hole Diameter
D2
13.0 ± 0.20
(0.512 ± 0.008)
Sprocket Hole Position
E
1.75 ± 0.10
(0.069 ± 0.004)
Punch Hole Position
F
3.50 ± 0.05
(0.138 ± 0.002)
Punch Hole Pitch
P
8.00 ± 0.10
(0.315 ± 0.004)
Sprocket Hole Pitch
P0
4.00 ± 0.10
(0.157 ± 0.004)
Embossment Center
P1
2.00 ± 0.05
(0.079 ± 0.002)
Overall Tape Thickness
T
0.20 ± 0.10
(0.008 ± 0.004)
Tape Width
W
12.00 ± 0.20
(0.472 ± 0.008)
Reel Width
W1
18.4
(0.724)
MAX.
Quantity per Reel
--
2500
REV. 12/12
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555
Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
.......
.......
.......
.......
.......
.......
.......
.......
P
A
F
E
T
120 °
D2
D
D
1
W1
C
Index Hole
PART
ORIENTATION
P
0
P
1
W
B
10 pitches (min.)
Direction of Feed
10 pitches (min.)
End
Trailer
Device
Leader
Start
d
PIN 1


Similar Part No. - CDNBS08-T03C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDNBS08-T03C BOURNS-CDNBS08-T03C Datasheet
335Kb / 4P
   CDNBS08-T03~T36C - TVS Diode Array Series
CDNBS08-T03C BOURNS-CDNBS08-T03C Datasheet
333Kb / 4P
   RoHS compliant
More results

Similar Description - CDNBS08-T03C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDSOT23-T03-Q BOURNS-CDSOT23-T03-Q Datasheet
932Kb / 5P
   TVS Diode Array Series
CDSOD323-T05C BOURNS-CDSOD323-T05C_13 Datasheet
255Kb / 4P
   TVS Diode Array Series
CDS0T23-T03C BOURNS-CDS0T23-T03C Datasheet
266Kb / 4P
   TVS Diode Array Series
CDSOT23-T03C BOURNS-CDSOT23-T03C_12 Datasheet
266Kb / 4P
   TVS Diode Array Series
CDSOT236-DSL0312 BOURNS-CDSOT236-DSL0312 Datasheet
514Kb / 6P
   TVS Diode Array Series
CDNBS16-T03C BOURNS-CDNBS16-T03C_11 Datasheet
466Kb / 4P
   TVS Diode Array Series
logo
Galaxy Semi-Conductor H...
SM15 BILIN-SM15 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
SM24 BILIN-SM24 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
logo
Yea Shin Technology Co....
YSAZ5V6T3 YEASHIN-YSAZ5V6T3 Datasheet
855Kb / 3P
   TVS DIODE ARRAY
logo
Rectron Semiconductor
TEMP03 RECTRON-TEMP03 Datasheet
352Kb / 5P
   TVS Diode Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com