Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF12NK65Z Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF12NK65Z
Description  N-channel 650 V, 0.57 ohm, 10 A, TO-220FP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF12NK65Z Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF12NK65Z Datasheet HTML 3Page - STMicroelectronics STF12NK65Z Datasheet HTML 4Page - STMicroelectronics STF12NK65Z Datasheet HTML 5Page - STMicroelectronics STF12NK65Z Datasheet HTML 6Page - STMicroelectronics STF12NK65Z Datasheet HTML 7Page - STMicroelectronics STF12NK65Z Datasheet HTML 8Page - STMicroelectronics STF12NK65Z Datasheet HTML 9Page - STMicroelectronics STF12NK65Z Datasheet HTML 10Page - STMicroelectronics STF12NK65Z Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STF12NK65Z
Electrical characteristics
Doc ID 18060 Rev 1
7/12
Figure 8.
Gate charge vs. gate-source voltage Figure 9.
Capacitance variations
Figure 10. Normalized gate threshold voltage
vs temperature
Figure 11. Normalized on resistance vs
temperature
Figure 12. Maximum avalanche energy vs
temperature
Figure 13. Source-drain diode forward
characteristic
HV42080
Qg(nC)
VGS(V)
0
2
4
6
8
10
12
10
20
30
40
50
60
70
VDD=520V
ID=10A
VGS=10V
HV42090
VDS(V)
Ciss
Coss
Crss
0.1
1
10
100
1
10
100
1000
VDS=25V
TJ=25°C
f=1MHz
C(pF)
HV42110
VGS(th)
TJ(°C)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
-50
-25
0
25
50
75
100
125
150
-75
(norm)
HV42120
RDS(on)
TJ(°C)
0
0.5
1.0
1.5
2.0
2.5
-75
-50
-25
025
50
75
100
125
150
(norm)
HV42060
EAS(mJ)
TJ(°C)
0 10
20 30 40 50
70
60
80
90 100 110 120 130
0
20
40
60
80
100
120
140
160
180
200
220
240
HV42140
VSD(V)
0.2
0.4
0.6
0.8
1.0
0
4
26
8
10
ISD(A)
-50°C
25°C
150°C


Similar Part No. - STF12NK65Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF12NK60Z STMICROELECTRONICS-STF12NK60Z Datasheet
493Kb / 12P
   N-CHANNEL 600V - 0.53 Ohm - 10A TO-220 / TO-220FP Zener-Protected SuperMESH?줞OSFET
STF12NK60Z STMICROELECTRONICS-STF12NK60Z Datasheet
841Kb / 15P
   N-channel 650 V @Tjmax, 0.53 廓, 10 A TO-220, TO-220FP, TO-247 Zener-protected SuperMESH??Power MOSFET
More results

Similar Description - STF12NK65Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP5NK65ZFP STMICROELECTRONICS-STP5NK65ZFP Datasheet
621Kb / 12P
   N-channel 650 V, 1.5 ohm, 4.5 A TO-220FP
STP9NK65Z STMICROELECTRONICS-STP9NK65Z_07 Datasheet
351Kb / 15P
   N-channel 650 V - 1 - 6.4 A TO-220 / TO-220FP
STF12N65M5 STMICROELECTRONICS-STF12N65M5 Datasheet
1Mb / 23P
   N-channel 650 V, 0.39 Ohm, 8.5 A MDmesh V Power MOSFET DPAK, I2PAK, TO-220FP, TO-220, IPAK
CD00251512 STMICROELECTRONICS-CD00251512 Datasheet
930Kb / 16P
   N-channel 525 V, 0.95 ohm, 6 A, DPAK, TO-220FP, TO-220
STF10N65K3 STMICROELECTRONICS-STF10N65K3 Datasheet
958Kb / 17P
   N-channel 650 V, 0.75 Ohm typ., 10 A Zener-protected SuperMESH3 Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
STF6N65K3 STMICROELECTRONICS-STF6N65K3 Datasheet
906Kb / 16P
   N-channel 650 V, 1.1 ohm typ., 5.4 A SuperMESH3 Power MOSFET in TO-220FP, I PAKFP, IPAK
STF10NM60ND STMICROELECTRONICS-STF10NM60ND Datasheet
1Mb / 19P
   N-channel 600 V, 0.57, 8 A, DPAK, TO-220FP, TO-220 FDmesh II Power MOSFET (with fast diode)
November 2011 Rev 2
STP12NK60Z STMICROELECTRONICS-STP12NK60Z_09 Datasheet
841Kb / 15P
   N-channel 650 V @Tjmax, 0.53 廓, 10 A TO-220, TO-220FP, TO-247 Zener-protected SuperMESH??Power MOSFET
STF11N60DM2 STMICROELECTRONICS-STF11N60DM2 Datasheet
713Kb / 12P
   N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220FP package
STD10NM60N STMICROELECTRONICS-STD10NM60N Datasheet
907Kb / 17P
   N-channel 600 V, 0.53 ohm, 10 A, DPAK, TO-220, TO-220FP, IPAK MDmesh II Power MOSFET
November 2010 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com