Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF15N80K5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STF15N80K5
Description  N-channel 800 V, 0.3 ohm typ., 14 A SuperMESH 5 Power MOSFET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF15N80K5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STF15N80K5 Datasheet HTML 2Page - STMicroelectronics STF15N80K5 Datasheet HTML 3Page - STMicroelectronics STF15N80K5 Datasheet HTML 4Page - STMicroelectronics STF15N80K5 Datasheet HTML 5Page - STMicroelectronics STF15N80K5 Datasheet HTML 6Page - STMicroelectronics STF15N80K5 Datasheet HTML 7Page - STMicroelectronics STF15N80K5 Datasheet HTML 8Page - STMicroelectronics STF15N80K5 Datasheet HTML 9Page - STMicroelectronics STF15N80K5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Electrical characteristics
STB15N80K5, STF15N80K5, STP15N80K5, STW15N80K5
6/22
Doc ID 023468 Rev 2
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area for D2PAK and
TO-220
Figure 3.
Thermal impedance for D2PAK and
TO-220
Figure 4.
Safe operating area for TO-220FP
Figure 5.
Thermal impedance for TO-220FP
ID
10
1
1
100
VDS(V)
10
(A)
1µs
10µs
100µs
10ms
Tj=150°C
Tc=25°C
Single
pulse
1ms
0.1
0.1
AM15432v1
ID
10
1
0.1
1
100
VDS(V)
10
(A)
1µs
10µs
100µs
10ms
Tj=150°C
Tc=25°C
Single
pulse
1ms
0.1
0.01
AM15433v1
Figure 6.
Safe operating area for TO-247
Figure 7.
Thermal impedance for TO-247
ID
10
1
1
100
VDS(V)
10
(A)
1µs
10µs
100µs
10ms
Tj=150°C
Tc=25°C
Single
pulse
1ms
0.1
0.1
AM15434v1


Similar Part No. - STF15N80K5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF15N80K5 ISC-STF15N80K5 Datasheet
284Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STF15N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB25N80K5 STMICROELECTRONICS-STB25N80K5 Datasheet
1Mb / 22P
   N-channel 800 V, 0.19 typ., 19.5 A SuperMESH 5 Power MOSFET in D2PAK
STL8N80K5 STMICROELECTRONICS-STL8N80K5 Datasheet
1Mb / 17P
   N-channel 800 V, 0.80 typ., 4.5 A Zener-protected SuperMESH 5 Power MOSFET in a PowerFLAT
STF8N80K5 STMICROELECTRONICS-STF8N80K5 Datasheet
1Mb / 15P
   N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220FP
STFU15N80K5 STMICROELECTRONICS-STFU15N80K5 Datasheet
902Kb / 13P
   N-channel 800 V, 0.3 廓 typ., 14 A MDmesh??K5 Power MOSFET in a TO-220FP ultra narrow leads package
August 2013 Rev 1
STP8N80K5 STMICROELECTRONICS-STP8N80K5 Datasheet
1Mb / 16P
   N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220 and IPAK packages
STB5N80K5 STMICROELECTRONICS-STB5N80K5 Datasheet
904Kb / 15P
   N-channel 800 V, 1.50 (ohm) typ., 4 A MDmesh K5 Power MOSFET in a DPAK package
STD5N80K5 STMICROELECTRONICS-STD5N80K5 Datasheet
820Kb / 16P
   N-channel 800 V, 1.50 (ohm) typ., 4 A MDmesh K5 Power MOSFET in a DPAK package
STFI7LN80K5 STMICROELECTRONICS-STFI7LN80K5 Datasheet
699Kb / 12P
   N-channel 800 V, 0.95 廓 typ., 5 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
December 2015 Rev 1
STF5N80K5 STMICROELECTRONICS-STF5N80K5 Datasheet
715Kb / 13P
   N-channel 800 V, 1.50(ohm) typ., 4 A MDmesh K5 Power MOSFET in a TO-220FP package
STP5N80K5 STMICROELECTRONICS-STP5N80K5 Datasheet
723Kb / 13P
   N-channel 800 V, 1.50(ohm) typ., 4 A MDmesh K5 Power MOSFET in a TO-220 package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com