Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A42U2604S-60 Datasheet(PDF) 2 Page - AMIC Technology

Part # A42U2604S-60
Description  4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A42U2604S-60 Datasheet(HTML) 2 Page - AMIC Technology

  A42U2604S-60 Datasheet HTML 1Page - AMIC Technology A42U2604S-60 Datasheet HTML 2Page - AMIC Technology A42U2604S-60 Datasheet HTML 3Page - AMIC Technology A42U2604S-60 Datasheet HTML 4Page - AMIC Technology A42U2604S-60 Datasheet HTML 5Page - AMIC Technology A42U2604S-60 Datasheet HTML 6Page - AMIC Technology A42U2604S-60 Datasheet HTML 7Page - AMIC Technology A42U2604S-60 Datasheet HTML 8Page - AMIC Technology A42U2604S-60 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
A42U2604 Series
Preliminary
4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
PRELIMINARY
(June, 2002, Version 0.3)
1
AMIC Technology, Inc.
Features
n Organization: 4,194,304 words X 4 bits
n Part Identification
- A42U2604 (2K Ref.)
n Single 2.5V power supply/built-in VBB generator
n Low power consumption
- Operating: 70mA (-50 max)
- Standby: 0.5mA (TTL), 0.2mA (CMOS),
300µA (Self-refresh current)
n High speed
- 50/60/80 ns RAS access time
- 22/27/37 ns column address access time
- 13/15/20 ns CAS access time
- 20/24/32 ns EDO Page Mode Cycle Time
n Industrial operating temperature range: -40
°C to +85°C
for -U
n Fast Page Mode with Extended Data Out
n 2K Refresh Cycle in 32ms
n Read-modify-write, RAS -only, CAS -before- RAS ,
Hidden refresh capability
n TTL-compatible, three-state I/O
n JEDEC standard packages
- 300mil, 24/26-pin SOJ
- 300mil, 24/26-pin TSOP type II package
General Description
The A42U2604 is a new generation randomly accessed
memory for graphics, organized in a 4,194,304-word by
4-bit configuration. This product can execute Write and
Read operation via CAS pin.
The A42U2604 offers an accelerated Fast Page Mode
cycle with a feature called Extended Data Out (EDO).
Pin Configuration
n
n SOJ
n
n TSOP
VCC
I/O0
I/O1
A3
CAS
I/O2
I/O3
VSS
OE
WE
RAS
A10
A0
A1
A2
VCC
NC
VSS
A4
A5
A6
A7
A8
A9
13
12
11
10
9
8
6
5
4
3
2
1
14
15
16
17
18
19
21
22
23
24
25
26
VCC
I/O0
I/O1
A3
CAS
I/O2
I/O3
VSS
OE
WE
RAS
A10
A0
A1
A2
VCC
NC
VSS
A4
A5
A6
A7
A8
A9
13
12
11
10
9
8
6
5
4
3
2
1
14
15
16
17
18
19
21
22
23
24
25
26
This allow random access of up to 2048(2K Ref.) words
within a row at a 50/42/31 MHz EDO cycle, making the
A42U2604 ideally suited for graphics, digital signal
processing and high performance computing systems.
Pin Descriptions
Symbol
Description
A0 - A10
Address Inputs (2K product)
I/O0 - I/O3
Data Input/Output
RAS
Row Address Strobe
CAS
Column Address Strobe
WE
Write Enable
OE
Output Enable
VCC
2.5V Power Supply
VSS
Ground
NC
No Connection


Similar Part No. - A42U2604S-60

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A42U2604 AMICC-A42U2604 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - A42U2604S-60

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Mosel Vitelic, Corp
V53C517405A MOSEL-V53C517405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A422604 AMICC-A422604 Datasheet
262Kb / 24P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Mosel Vitelic, Corp
V53C317405A MOSEL-V53C317405A Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516405A MOSEL-V53C516405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
Taiwan Memory Technolog...
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
Mosel Vitelic, Corp
V53C316405A MOSEL-V53C316405A Datasheet
171Kb / 24P
   3.3 VOLT 4M x 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com