Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A45L9332AF-6 Datasheet(PDF) 7 Page - AMIC Technology

Part # A45L9332AF-6
Description  256K X 32 Bit X 2 Banks Synchronous Graphic RAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A45L9332AF-6 Datasheet(HTML) 7 Page - AMIC Technology

Back Button A45L9332AF-6 Datasheet HTML 3Page - AMIC Technology A45L9332AF-6 Datasheet HTML 4Page - AMIC Technology A45L9332AF-6 Datasheet HTML 5Page - AMIC Technology A45L9332AF-6 Datasheet HTML 6Page - AMIC Technology A45L9332AF-6 Datasheet HTML 7Page - AMIC Technology A45L9332AF-6 Datasheet HTML 8Page - AMIC Technology A45L9332AF-6 Datasheet HTML 9Page - AMIC Technology A45L9332AF-6 Datasheet HTML 10Page - AMIC Technology A45L9332AF-6 Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
A45L9332A Series
PRELIMINARY
(October, 2001, Version 0.1)
6
AMIC Technology, Inc.
DC Electrical Characteristics
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C)
Speed
Symbol
Parameter
Test Conditions
CAS
Latency
-6
-7
-8
Unit
Notes
3
230
210
170
Icc1
Operating Current
(One Bank Active)
Burst Length = 1
tRC
≥ tRC(min), tCC ≥ tCC(min), IOL = 0mA
2
-
260
160
mA
1
Icc2 P
CKE
≤ VIL(max), tCC = 15ns
4
Icc2 PS
Precharge Standby
Current in power-
down mode
CKE
≤ VIL(max), CKL ≤ VIL(max), tCC = ∞
4
mA
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
35
ICC2NS
Precharge Standby
Current in non
power-down mode
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable.
15
mA
ICC3 P
CKE
≤ VIL(max), tCC = 15ns
6
ICC3 PS
Active Standby
Current in power-
down mode
CKE
≤ VIL(max), CKE ≤ VIL(max) tCC = ∞
6
mA
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
60
ICC3NS
Active Standby
current in non
power-down mode
(One Bank Active)
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable.
40
mA
3
310
280
250
ICC4
Operating Current
(Burst Mode)
IOL = 0mA, Page Burst
All bank Activated, tCCD = tCCD (min)
2
-
230
210
mA
1
3
150
120
120
ICC5
Refresh Current
tRC
≥ tRC (min)
2
-
180
120
mA
2
ICC6
Self Refresh Current
CKE
≤ 0.2V
4
mA
ICC7
Operating Current
(One Bank Block
Write)
tCC
≥ tCC (min), IOL=0mA, tBWC(min)
240
220
190
mA
Note: 1. Measured with outputs open. Addresses are changed only one time during tCC(min).
2. Refresh period is 32ms. Addresses are changed only one time during tCC(min).


Similar Part No. - A45L9332AF-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A45 MACOM-A45 Datasheet
104Kb / 1P
   1000 TO 4000 MHz CASCADABLE AMPLIFIER
A45 MACOM-A45 Datasheet
381Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A45 MA-COM-A45 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45 Datasheet
643Kb / 3P
   Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
A45-1 MACOM-A45-1 Datasheet
109Kb / 1P
   1000 TO 4000 MHz CASCADABLE AMPLIFIER
More results

Similar Description - A45L9332AF-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M32L1632512A ETC1-M32L1632512A Datasheet
879Kb / 54P
   256K x 32 Bit x 2 Banks Synchronous Graphic RAM
M32L32321SA ETC1-M32L32321SA Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
Samsung semiconductor
K4G323222M SAMSUNG-K4G323222M Datasheet
1Mb / 48P
   512K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271A SAMSUNG-KM4132G271A Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271B SAMSUNG-KM4132G271B Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
logo
Integrated Silicon Solu...
IS42G32256 ISSI-IS42G32256 Datasheet
456Kb / 52P
   256K x 32 x 2 (16-Mbit) SYNCHRONOUS GRAPHICS RAM
logo
AMIC Technology
A43L0632 AMICC-A43L0632 Datasheet
1Mb / 44P
   512K X 32 Bit X 2 Banks Synchronous DRAM
A43E06321 AMICC-A43E06321 Datasheet
1Mb / 46P
   512K X 32 Bit X 2 Banks Low Power Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A Datasheet
725Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_1 Datasheet
776Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com