Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV34D750KA Datasheet(PDF) 9 Page - World Produts Inc.

Part # EV34D750KA
Description  Metal Oxide Varistors
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV34D750KA Datasheet(HTML) 9 Page - World Produts Inc.

Back Button EV34D750KA Datasheet HTML 5Page - World Produts Inc. EV34D750KA Datasheet HTML 6Page - World Produts Inc. EV34D750KA Datasheet HTML 7Page - World Produts Inc. EV34D750KA Datasheet HTML 8Page - World Produts Inc. EV34D750KA Datasheet HTML 9Page - World Produts Inc. EV34D750KA Datasheet HTML 10Page - World Produts Inc. EV34D750KA Datasheet HTML 11Page - World Produts Inc. EV34D750KA Datasheet HTML 12Page - World Produts Inc. EV34D750KA Datasheet HTML 13Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
Metal Oxide Varistors - EV Series | 7
Wire Lead Parts (Standard Epoxy) (9)
Disk
Size
A max
D max
S
W nom
C
L (min)
Dimension
E max & a
mm
mm
in
mm
in
mm
± 1
in ±
.04
mm ±
.02
in ±
.001
mm
in
mm
in
5
9
0.4
7
0.28
5
0.20
0.6
0.024
1.6 ± 0.4
0.06 ± 0.016
25/.98
Please see “E”
Maximum Thick-
ness and Off-set
“a” Dimension by
Part Number.
7
11
0.4
9
0.35
5
0.20
0.6
0.024
1.6 ± 0.4
0.06 ± 0.016
10
15.5
0.6
12.5
0.49
7.5
0.30
0.8
0.031
1.6 ± 0.4
0.06 ± 0.016
14
20
0.8
16.5
0.65
7.5
0.30
0.8
0.031
1.6 ± 0.4
0.06 ± 0.016
20
26
1.0
23
0.91
7.5
0.30
0.8
0.031
2.05 ± 0.4
0.08 ± 0.016
20(3)
26
1.0
23
0.91
10
0.39
1.0
0.039
2.05 ± 0.4
0.08 ± 0.016
22
28
1.1
28
1.1
11.25
.44
1.0 ± .1
.039 ±
.004
N/A
N/A
Tab Lead Parts (Standard Epoxy) (9)
Disk
Size
A max
D max
S
W nom
C
Dimension E max & a
mm
mm
in
mm
in
mm
± 1
in ±
.039
mm ±
0.2
in ±
.008
mm
in
22
28
1.1
28
1.1
22
0.87
4
0.16
N/A
N/A
Please see “E” Maximum Thickness
and Off-set “a” Dimension by
Part Number.
22(10)
28
1.1
2.8
1.1
14
.55
4
0.16
N/A
N/A
mm
mm
in
mm
in
mm
± 1
in ±
.039
mm ±
0.5
in ± .02
mm
in
34
42
1.65
37
1.46
25.4
1
7
.275
N/A
N/A
34 (8)
42
1.65
37
1.46
22
0.87
6
0.24
N/A
N/A
NOTES
1. Maximum epoxy extending on leads (measured from bottom portion of disk) is 3mm for all disk sizes with exception of 20mm disk size which is
4mm.
2. Reduced dimensions, special lead diameters and special lead spacing may be available upon request.
3.
20mm disk size - for 10mm leadspacing use suffix “X”.
4. 22mm and 34mm disk size Pin Type dimensions are the same as 22mm and 34mm disk size Tab Lead type (except where noted).
5.
22mm disk size - .5mm (.02”) max.
34mm disk size - .7mm (.028”) max.
6. Dimension: 15mm (.6”) ± 1mm (.039”)
7.
22mm disk size - 4mm (0.16”) ± 2mm (0.8”).
34mm disk size - 6.5mm (0.26”) ± 0.5mm (.02”).
8.
34mm disk size - for 22mm lead spacing use suffix “U”.
9. For “flame retardant coating” (suffix “S”) dimensions “A”, “D”, “E”, and “a” add 10% (x1.10) as this coating is thicker.
10.
22mm disk size - for 14mm lead spacing use suffix “Y”.
Standard Dimensions and Lead Modification Options (continued)


Similar Part No. - EV34D750KA

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3410DJ-00A MPS-EV3410DJ-00A Datasheet
156Kb / 4P
   1.8V Minimum Input, 3.3V/300mA Output Synchronous Boost Converter EV Board
EV3412EJ-00A MPS-EV3412EJ-00A Datasheet
149Kb / 4P
   1.1A Synchronous Boost White LED Driver Evaluation Board
EV3414-J-00A MPS-EV3414-J-00A Datasheet
275Kb / 5P
   1.8A, 1MHz Synchronous Boost Converter Evaluation Board
EV3414A-J-00A MPS-EV3414A-J-00A Datasheet
582Kb / 7P
   3A, 1MHz Synchronous Step-Up Converter with Output Disconnect Evaluation Board
EV3415-G-00A MPS-EV3415-G-00A Datasheet
477Kb / 7P
   3.6A, 1MHz Synchronous Step-up Converter with Output Disconnect Evaluation Board
More results

Similar Description - EV34D750KA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com