Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A616316V-12 Datasheet(PDF) 4 Page - AMIC Technology

Part # A616316V-12
Description  64K X 16 BIT HIGH SPEED CMOS SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A616316V-12 Datasheet(HTML) 4 Page - AMIC Technology

  A616316V-12 Datasheet HTML 1Page - AMIC Technology A616316V-12 Datasheet HTML 2Page - AMIC Technology A616316V-12 Datasheet HTML 3Page - AMIC Technology A616316V-12 Datasheet HTML 4Page - AMIC Technology A616316V-12 Datasheet HTML 5Page - AMIC Technology A616316V-12 Datasheet HTML 6Page - AMIC Technology A616316V-12 Datasheet HTML 7Page - AMIC Technology A616316V-12 Datasheet HTML 8Page - AMIC Technology A616316V-12 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
A616316 Series
PRELIMINARY
(July, 2000, Version 0.0)
3
AMIC Technology, Inc.
Pin Description - SOJ/TSOP(II)
Pin No.
Symbol
Description
1 - 5, 18 - 21,
24 - 27,42 - 44
A0 - A15
Address Inputs
6
CE
Chip Enable Input
7 - 10, 13 - 16,
29 - 32, 35 - 38
I/O0 - I/O15
Data Input/Outputs
17
WE
Write Enable Input
39
LB
Byte Enable Input (I/O0 to I/O7)
40
HB
Byte Enable Input (I/O8 to I/O15)
41
OE
Output Enable Input
11, 33
VCC
Power
12, 34
GND
Ground
22 , 23, 28
NC
No Connection
Recommended DC Operating Conditions
(TA = 0
°C to + 70°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
-
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
-
0.8
V
CL
Output Load
-
-
30
pF


Similar Part No. - A616316V-12

ManufacturerPart #DatasheetDescription
logo
Sanken electric
A616 SANKEN-A616 Datasheet
139Kb / 2P
   LOW POWER OFF-LINE SMPS PRIMARY SWITCHER
logo
MicroPower Direct, LLC
A616ERU MPD-A616ERU Datasheet
193Kb / 2P
   Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
More results

Similar Description - A616316V-12

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A61L6316 AMICC-A61L6316 Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L6416 LYONTEK-LY61L6416_16 Datasheet
814Kb / 16P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY61L6416_1008 LYONTEK-LY61L6416_1008 Datasheet
283Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY61L6416 LYONTEK-LY61L6416 Datasheet
181Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416_1008 LYONTEK-LY616416_1008 Datasheet
167Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416 Datasheet
160Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416_16 Datasheet
681Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT61512 ETC-UT61512 Datasheet
148Kb / 7P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
UMC Corporation
UM61512A UMC-UM61512A Datasheet
164Kb / 16P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com