Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD72DRBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD72DRBR
Description  3.3V-Supply RS-485 with IEC ESD Protection
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD72DRBR Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD72DRBR Datasheet HTML 1Page - Texas Instruments SN65HVD72DRBR Datasheet HTML 2Page - Texas Instruments SN65HVD72DRBR Datasheet HTML 3Page - Texas Instruments SN65HVD72DRBR Datasheet HTML 4Page - Texas Instruments SN65HVD72DRBR Datasheet HTML 5Page - Texas Instruments SN65HVD72DRBR Datasheet HTML 6Page - Texas Instruments SN65HVD72DRBR Datasheet HTML 7Page - Texas Instruments SN65HVD72DRBR Datasheet HTML 8Page - Texas Instruments SN65HVD72DRBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Logic Diagram (Positive Logic)
R
RE
DE
D
V
CC
B
A
GND
1
2
3
4
8
7
6
5
6
7
A
B
3
4
2
1
DE
D
RE
R
V
CC
B
A
GND
R
RE
DE
D
8
7
6
5
1
2
3
4
D Package
DGK Package
SN65HVD72
SN65HVD75
SN65HVD78
www.ti.com
SLLSE11C – MARCH 2012 – REVISED SEPTEMBER 2013
3.3V-Supply RS-485 with IEC ESD Protection
Check for Samples: SN65HVD72, SN65HVD75, SN65HVD78
1
FEATURES
APPLICATIONS
Small-size MSOP Packages Save Board Space,
Factory Automation
or SOIC for Drop-in Compatibility
Telecomm Infrastructure
Bus I/O Protection
Motion Control
> ±15kV HBM protection
DESCRIPTION
> ±12kV IEC61000-4-2 Contact Discharge
These devices have robust 3.3V drivers and receivers
Extended Industrial Temperature Range
in
a
small
package
for
demanding
industrial
–40°C to 125°C
applications. The bus pins are robust to ESD events,
Large Receiver Hysteresis (80 mV) for Noise
with high levels of protection to Human-Body Model
Rejection
and IEC Contact Discharge specifications.
Low Unit-loading allows over 200 connected
These devices each combine a differential driver and
nodes
a differential receiver, which operate from a single
3.3-V power supply. The driver differential outputs
Low Power Consumption
and the receiver differential inputs are connected
Low Standby Supply Current: < 2 µA
internally to form a bus port suitable for half-duplex
ICC <1 mA Quiescent During Operation
(two-wire bus) communication. These devices all
5V-Tolerant Logic Inputs Compatible With
feature a wide common-mode voltage range making
the devices suitable for multi-point applications over
3.3 V or 5 V Controllers
long cable runs. These devices are characterized
Signaling Rate Options Optimized for:
from -40°C to 125°C.
250 kbps, 20 Mbps, 50 Mbps
Table 1. Product Selection Guide
Part Number
Signaling Rate
Cable Length
Duplex
Enables
Package
Nodes
MSOP-8
SN65HVD72
up to 250 kbps
up to 2000 m
Half
DE, RE
SOIC-8
256
SON-8
MSOP-8
SN65HVD75
up to 20 Mbps
up to 100 m
Half
DE, RE
SOIC-8
256
SON-8
MSOP-8
SN65HVD78
up to 50 Mbps
up to 50 m
Half
DE, RE
SOIC-8
96
SON-8
SN65HVD72, 75, 78
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2012–2013, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVD72DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72DR TI1-SN65HVD72DR Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
More results

Similar Description - SN65HVD72DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72_13 Datasheet
1Mb / 29P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN55HVD75-EP TI1-SN55HVD75-EP Datasheet
1Mb / 32P
[Old version datasheet]   3.3-V Supply RS-485 With IEC ESD Protection
SN65HVD888 TI1-SN65HVD888 Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
logo
Exar Corporation
XR33193 EXAR-XR33193 Datasheet
420Kb / 12P
   3.3V, 20Mbps, TSOT23 RS-485/RS-422 Transmitters with 15kV ESD Protection
logo
Texas Instruments
THVD1500 TI1-THVD1500 Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
[Old version datasheet]   5-V RS-485 Transceivers With 18-kV IEC ESD Protection
THVD1505 TI1-THVD1505 Datasheet
883Kb / 27P
[Old version datasheet]   THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
THVD1520 TI1-THVD1520 Datasheet
661Kb / 22P
[Old version datasheet]   THVD1520 10 Mbps RS-485 Transceiver With 짹8-kV IEC ESD Protection
logo
Maxim Integrated Produc...
MAX14783E MAXIM-MAX14783E_15 Datasheet
1,018Kb / 18P
   High-Speed 3.3V/5V RS-485/RS-422 Transceiver with ±35kV HBM ESD Protection
Rev 1; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com