Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A42L8316V-40U Datasheet(PDF) 11 Page - AMIC Technology

Part # A42L8316V-40U
Description  256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A42L8316V-40U Datasheet(HTML) 11 Page - AMIC Technology

Back Button A42L8316V-40U Datasheet HTML 7Page - AMIC Technology A42L8316V-40U Datasheet HTML 8Page - AMIC Technology A42L8316V-40U Datasheet HTML 9Page - AMIC Technology A42L8316V-40U Datasheet HTML 10Page - AMIC Technology A42L8316V-40U Datasheet HTML 11Page - AMIC Technology A42L8316V-40U Datasheet HTML 12Page - AMIC Technology A42L8316V-40U Datasheet HTML 13Page - AMIC Technology A42L8316V-40U Datasheet HTML 14Page - AMIC Technology A42L8316V-40U Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
A42L8316 Series
PRELIMINARY
(August, 2002, Version 0.1)
10
AMIC Technology, Inc.
Word Read Cycle
tRAS(3)
tRP(2)
tRC(1)
tCRP(9)
tCSH(8)
tRCD(5)
tRSH(7)
tCAS(4)
tASR(10)
tCRP(9)
tRAH(11)
tASC(24)
tCAH(25)
tRAD(6)
tRAL(21)
tRCH(19)
tRRH(20)
tAR(17)
tRCS(18)
tOEA(16)
tRAC(13)
tAA(15)
tCAC(14)
tCLZ(12)
tOEZ(51)
tOFF(23)
High-Z
: High or Low
Valid Data-out
Row Address
Column Address
I/O 0 ~
I/O 15
OE
WE
A0~A8
UCAS
LCAS
RAS


Similar Part No. - A42L8316V-40U

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - A42L8316V-40U

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A426316B AMICC-A426316B Datasheet
419Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com