Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC179ADR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC179ADR
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC179ADR Datasheet(HTML) 4 Page - Texas Instruments

  SN75LBC179ADR Datasheet HTML 1Page - Texas Instruments SN75LBC179ADR Datasheet HTML 2Page - Texas Instruments SN75LBC179ADR Datasheet HTML 3Page - Texas Instruments SN75LBC179ADR Datasheet HTML 4Page - Texas Instruments SN75LBC179ADR Datasheet HTML 5Page - Texas Instruments SN75LBC179ADR Datasheet HTML 6Page - Texas Instruments SN75LBC179ADR Datasheet HTML 7Page - Texas Instruments SN75LBC179ADR Datasheet HTML 8Page - Texas Instruments SN75LBC179ADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SN65LBC179A
SN75LBC179A
SLLS377D
– MAY 2000 – REVISED SEPTEMBER 2011
www.ti.com
DRIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIK
Input clamp voltage
II = –18 mA
–1.5
–0.8
V
SN65LBC179A
1
1.5
3
RL = 54 Ω, See Figure 1
V
SN75LBC179A
1.1
1.5
3
|VOD|
Differential output voltage
SN65LBC179A
1
1.5
3
RL = 60 Ω, –7 <V(tot) < 12,
V
See Figure 2
SN75LBC179A
1.1
1.5
3
Change in magnitude of differential output
Δ| VOD |
See Figure 1 and Figure 2
–0.2
0.2
V
voltage (2)
Steady-state common-mode output
VOC(SS)
1.8
2.4
2.8
V
voltage
See Figure 1
Change in steady-state common-mode
ΔVOC(SS)
–0.1
0.1
V
output voltage(2)
IO
Output current with power off
VCC = 0,
VO = –7 V to 12 V
–10
±1
10
μA
IIH
High-level input current
VI = 2.V
–100
μA
IIL
Low-level input current
VI = 0.8 V
–100
μA
IOS
Short-circuit output current
–7 V ≤ VO ≤ 12 V
–250
±70
250
mA
ICC
Supply current
No load,
VI = 0 or VCC
8.5
15
mA
(1)
All typical values are at VCC = 5 V, TA = 25°C.
(2)
Δ | VOD | and Δ | VOC | are the changes in the steady-state magnitude of VOD and VOC, respectively, that occur when the input is
changed from a high level to a low level.
DRIVER SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
2
6
12
ns
tPHL
Propagation delay time, high-to-low-level output
2
6
12
ns
tsk(p)
Pulse skew ( | tPHL – tPLH | )
RL = 54 Ω, CL = 50 pF, See Figure 3
0.3
1
ns
tr
Differential output signal rise time
4
7.5
11
ns
tf
Differential output signal fall time
4
7.5
11
ns
4
Submit Documentation Feedback
Copyright
© 2000–2011, Texas Instruments Incorporated
Product Folder Link(s): SN65LBC179A SN75LBC179A


Similar Part No. - SN75LBC179ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC179ADR TI1-SN75LBC179ADR Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179ADRG4 TI1-SN75LBC179ADRG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN75LBC179ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN75ALS180 TI-SN75ALS180_07 Datasheet
436Kb / 21P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com