Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A61L73081S-12 Datasheet(PDF) 7 Page - AMIC Technology

Part # A61L73081S-12
Description  128K X 8 BIT HIGH SPEED CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A61L73081S-12 Datasheet(HTML) 7 Page - AMIC Technology

Back Button A61L73081S-12 Datasheet HTML 3Page - AMIC Technology A61L73081S-12 Datasheet HTML 4Page - AMIC Technology A61L73081S-12 Datasheet HTML 5Page - AMIC Technology A61L73081S-12 Datasheet HTML 6Page - AMIC Technology A61L73081S-12 Datasheet HTML 7Page - AMIC Technology A61L73081S-12 Datasheet HTML 8Page - AMIC Technology A61L73081S-12 Datasheet HTML 9Page - AMIC Technology A61L73081S-12 Datasheet HTML 10Page - AMIC Technology A61L73081S-12 Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
A61L73081 Series
(April, 2001, Version 1.0)
6
AMIC Technology, Inc.
Timing Waveforms (continued)
Read Cycle 2
(1, 2, 4)
tRC
tOH
tAA
tOH
Address
DOUT
Read Cycle 3
(1, 3, 4,)
tCLZ5
tACE
tCHZ5
DOUT
CE
Notes: 1. WE is high for Read Cycle.
2. Device is continuously enabled, CE = VIL.
3. Address valid prior to or coincident with CE transition low.
4. OE = VIL.
5. Transition is measured
±200mV from steady state. This parameter is sampled and not 100% tested.


Similar Part No. - A61L73081S-12

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A61L6316 AMICC-A61L6316 Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
A61L6316S-10 AMICC-A61L6316S-10 Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
A61L6316S-10I AMICC-A61L6316S-10I Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
A61L6316S-12 AMICC-A61L6316S-12 Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
A61L6316S-12I AMICC-A61L6316S-12I Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - A61L73081S-12

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY651024 LYONTEK-LY651024_12 Datasheet
452Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A6173081 AMICC-A6173081 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288 Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com