Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV102BB-70EEB Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM29LV102BB-70EEB
Description  2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV102BB-70EEB Datasheet(HTML) 7 Page - Advanced Micro Devices

  AM29LV102BB-70EEB Datasheet HTML 1Page - Advanced Micro Devices AM29LV102BB-70EEB Datasheet HTML 2Page - Advanced Micro Devices AM29LV102BB-70EEB Datasheet HTML 3Page - Advanced Micro Devices AM29LV102BB-70EEB Datasheet HTML 4Page - Advanced Micro Devices AM29LV102BB-70EEB Datasheet HTML 5Page - Advanced Micro Devices AM29LV102BB-70EEB Datasheet HTML 6Page - Advanced Micro Devices AM29LV102BB-70EEB Datasheet HTML 7Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2/9/98
Am29LV102B
7
ADV ANCE
I N FO RMAT I O N
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.
DEVICE NUMBER/DESCRIPTION
Am29LV102B
2 Megabit (256 K x 8-Bit) CMOS Flash Memory
3.0 Volt-only Read, Program, and Erase
C
E
-55R
Am29LV102B
T
OPTIONAL PROCESSING
Blank = Standard Processing
B = Burn-in
(Contact an AMD representative for more information)
TEMPERATURE RANGE
C= Commercial (0°C to +70°C)
I = Industrial (–40°C to +85°C)
E = Extended (–55°C to +125°C)
PACKAGE TYPE
J
=
32-Pin Plastic Leaded Chip Carrier (PL 032)
E
=
32-Pin Thin Small Outline Package (TSOP)
Standard Pinout (TS 032)
F
=
32-Pin Thin Small Outline Package (TSOP)
Reverse Pinout (TSR032)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T = Top Sector
B = Bottom Sector
Valid Combinations
Am29LV102B-55R
JC, JI, EC, EI, FC, FI
Am29LV102B-70
JC, JI, JE,
EC, EI, EE,
FC, FI, FE
Am29LV102B-90
Am29LV102B-120


Similar Part No. - AM29LV102BB-70EEB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV104B AMD-AM29LV104B Datasheet
39Kb / 7P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
AM29LV104BB-120EC AMD-AM29LV104BB-120EC Datasheet
39Kb / 7P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
AM29LV104BB-120ECB AMD-AM29LV104BB-120ECB Datasheet
39Kb / 7P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
AM29LV104BB-120EE AMD-AM29LV104BB-120EE Datasheet
39Kb / 7P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
AM29LV104BB-120EEB AMD-AM29LV104BB-120EEB Datasheet
39Kb / 7P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
More results

Similar Description - AM29LV102BB-70EEB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV002B AMD-AM29LV002B_06 Datasheet
685Kb / 41P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV020B AMD-AM29LV020B Datasheet
39Kb / 7P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
AM29LV104B AMD-AM29LV104B Datasheet
39Kb / 7P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
AM29F002B AMD-AM29F002B_06 Datasheet
796Kb / 42P
   2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F002 AMD-AM29F002 Datasheet
436Kb / 37P
   2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F002B AMD-AM29F002B Datasheet
792Kb / 40P
   2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29LV200 AMD-AM29LV200 Datasheet
478Kb / 37P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B_06 Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com