Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPS1D-F19-BE0006L Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # EPS1D-F19-BE0006L
Description  Digital Contacting Encoder With Momentary Switch Option
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

EPS1D-F19-BE0006L Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  EPS1D-F19-BE0006L Datasheet HTML 1Page - Bourns Electronic Solutions EPS1D-F19-BE0006L Datasheet HTML 2Page - Bourns Electronic Solutions EPS1D-F19-BE0006L Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
EPS - Digital Contacting Encoder With Momentary Switch Option
Product Dimensions
SNAP-IN MOUNTING - S style bushing / F style shaft
19.0
(.748)
x
x
x
x
x
4.01
(.158)
22.20
(.874)
26.97
(1.061)
8.13
(.320)
4.800
(0.189)
15.2
(.598)
8.20
(.323)
2.00 +0.5/-0.0
(.078 +.020/-0.0)
TOTAL ACTUATION
TRAVEL
5.35
(.211)
2.00
(.079)
3.17
(.125)
2.26
(.089)
1.60
(.063)
4.32
(.170)
2.50
(.098)
2X
DIA.
DIA.
0.50
(.020)
2X
X 45 °
CHAMFER
3.60
(.142)
0.25
(.010)
7.50
(.300)
8.00
(.315)
9.00
(.354)
PCB MOUNTING DIMENSIONS
25.00
(.984)
9.85
(.388)
2X
9.34
(.368)
2X
0.97
(.038)
4X
RADIUS
23.00
(.905)
4.63
(.182)
PIN 1
5X
1.06
(.042)
TYP
2.54
(.100)
3.97
(.156)
5.97
(.235)
24.33
(.958)
2X
2.70
(.106)
DIA.
6.50
(.260)
22.20
(.874)
10.50
(.413)
18.0
(.710)
1.10
(.043)
2X
0.80
(.031)
2X
0.50
(.020)
X 45 °
CHAMFER
MM
(IN)
DIMENSIONS:
DIA.
DIA.
DIA.
M9 X
0.75
(.030)
– 6 g
1
2
3
4
5
TERMINAL
PIN NO.
CHANNEL B
COMMON
CHANNEL A
TOLERANCES: EXCEPT WHERE NOTED
.51
.13
DECIMALS: .XX ±
(.020)
.XXX ±
(.005)


Similar Part No. - EPS1D-F19-BE0006L

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
EPS10-1 SYSTEMSENSOR-EPS10-1 Datasheet
196Kb / 2P
   Alarm Pressure Switches
EPS10-2 SYSTEMSENSOR-EPS10-2 Datasheet
196Kb / 2P
   Alarm Pressure Switches
logo
CUI INC
EPS100060 CUI-EPS100060 Datasheet
152Kb / 4P
   SWITCHING POWER SUPPLY
logo
Altera Corporation
EPS10B1508C5ES ALTERA-EPS10B1508C5ES Datasheet
9Mb / 864P
   Stratix Device Handbook, Volume 1
EPS10B1508C6ES ALTERA-EPS10B1508C6ES Datasheet
9Mb / 864P
   Stratix Device Handbook, Volume 1
More results

Similar Description - EPS1D-F19-BE0006L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
ECW1J-B24-BC0024L BOURNS-ECW1J-B24-BC0024L Datasheet
304Kb / 3P
   Digital Contacting Encoder
ECW BOURNS-ECW_09 Datasheet
251Kb / 3P
   Digital Contacting Encoder
ECW BOURNS-ECW Datasheet
456Kb / 3P
   Digital Contacting Encoder
ECW1J-C24-BC0024L BOURNS-ECW1J-C24-BC0024L Datasheet
304Kb / 3P
   ECW - Digital Contacting Encoder
ECW0J-B24-BC0006L BOURNS-ECW0J-B24-BC0006L Datasheet
304Kb / 3P
   ECW - Digital Contacting Encoder
ES-L BOURNS-ES-L Datasheet
173Kb / 3P
   Shaftless Contacting Encoder
EMS22Q BOURNS-EMS22Q Datasheet
331Kb / 4P
   Non-Contacting Incremental Encoder
EMS22A BOURNS-EMS22A Datasheet
391Kb / 5P
   Non-Contacting Absolute Encoder
EMS22P BOURNS-EMS22P_14 Datasheet
405Kb / 5P
   Non-Contacting PWM Encoder
EMS22P BOURNS-EMS22P Datasheet
413Kb / 4P
   Non-Contacting PWM Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com