Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3444MMXNOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3444MMXNOPB
Description  AC-DC Offline LED Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3444MMXNOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3444MMXNOPB Datasheet HTML 4Page - Texas Instruments LM3444MMXNOPB Datasheet HTML 5Page - Texas Instruments LM3444MMXNOPB Datasheet HTML 6Page - Texas Instruments LM3444MMXNOPB Datasheet HTML 7Page - Texas Instruments LM3444MMXNOPB Datasheet HTML 8Page - Texas Instruments LM3444MMXNOPB Datasheet HTML 9Page - Texas Instruments LM3444MMXNOPB Datasheet HTML 10Page - Texas Instruments LM3444MMXNOPB Datasheet HTML 11Page - Texas Instruments LM3444MMXNOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
ICOLL
V+
VAC
+
+
1
2
3
4
5
6
7
8
9
1
0
-
VLED
G
N
D
VC
C
FILT
ER
NC
NC
ISN
S
GAT
E
NC
CO
FF
N
C
LM344
4
VLED-
D
3
C
7
C
9
C
1
0
D
4
D
8
D
9
R
2
D
1
Q
1
C
5
C
1
2
D2
D1
0
Q2
L
2
Q3
R
3
R
4
C
1
1
C
4
U1
VBUCK
BR1
LM3444
SNVS682C – NOVEMBER 2010 – REVISED MAY 2013
www.ti.com
APPLICATION INFORMATION
FUNCTIONAL DESCRIPTION
The LM3444 contains all the necessary circuitry to build a line-powered (mains powered) constant current LED
driver.
Theory of Operation
Refer to Figure 11 below which shows the LM3444 along with basic external circuitry.
Figure 11. LM3444 Schematic
VALLEY-FILL CIRCUIT
VBUCK supplies the power which drives the LED string. Diode D3 allows VBUCK to remain high while V+ cycles on
and off. VBUCK has a relatively small hold capacitor C10 which reduces the voltage ripple when the valley fill
capacitors are being charged. However, the network of diodes and capacitors shown between D3 and C10 make
up a "valley-fill" circuit. The valley-fill circuit can be configured with two or three stages. The most common
configuration is two stages. Figure 12 illustrates a two and three stage valley-fill circuit.
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3444


Similar Part No. - LM3444MMXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3444MMX TI-LM3444MMX Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MMX/NOPB TI1-LM3444MMX/NOPB Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
More results

Similar Description - LM3444MMXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3444 TI1-LM3444_15 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI-LM3444MM Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444_14 Datasheet
965Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
logo
Monolithic Power System...
MP4034 MPS-MP4034 Datasheet
873Kb / 19P
   Offline LED Driver
logo
AIMTEC
AMEHR50-Z AIMTEC-AMEHR50-Z Datasheet
738Kb / 7P
   AC-DC LED driver
AMEPR10-Z AIMTEC-AMEPR10-Z Datasheet
596Kb / 7P
   AC-DC LED driver
AMEPR16-Z AIMTEC-AMEPR16-Z Datasheet
558Kb / 6P
   AC-DC LED driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com