Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTW7N80E Datasheet(PDF) 2 Page - Motorola, Inc

Part # MTW7N80E
Description  TMOS POWER FET 7.0 AMPERES 800 VOLTS RDS(on) = 1.0 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTW7N80E Datasheet(HTML) 2 Page - Motorola, Inc

  MTW7N80E Datasheet HTML 1Page - Motorola, Inc MTW7N80E Datasheet HTML 2Page - Motorola, Inc MTW7N80E Datasheet HTML 3Page - Motorola, Inc MTW7N80E Datasheet HTML 4Page - Motorola, Inc MTW7N80E Datasheet HTML 5Page - Motorola, Inc MTW7N80E Datasheet HTML 6Page - Motorola, Inc MTW7N80E Datasheet HTML 7Page - Motorola, Inc MTW7N80E Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MTW7N80E
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 µAdc)
Temperature Coefficient (Positive)
V(BR)DSS
800
1,030
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 800 Vdc, VGS = 0 Vdc)
(VDS = 800 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
10
100
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
100
nAdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
Temperature Coefficient (Negative)
VGS(th)
2.0
3.0
7.0
4.0
Vdc
mV/
°C
Static Drain–Source On–Resistance (VGS = 10 Vdc, ID = 3.5 Adc)
RDS(on)
0.87
1.0
Ohm
Drain–Source On–Voltage (VGS = 10 Vdc)
(ID = 7.0 Adc)
(ID = 3.5 Adc, TJ = 125°C)
VDS(on)
6.8
10
10.5
Vdc
Forward Transconductance (VDS = 15 Vdc, ID = 3.5 Adc)
gFS
4.0
7.63
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
25 Vdc V
0 Vdc
Ciss
3000
4160
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
244
490
Reverse Transfer Capacitance
f = 1.0 MHz)
Crss
46
90
SWITCHING CHARACTERISTICS (2)
Turn–On Delay Time
(V
400 Vd
I
7 0 Ad
td(on)
20
40
ns
Rise Time
(VDD = 400 Vdc, ID = 7.0 Adc,
VGS =10Vdc
tr
37
85
Turn–Off Delay Time
VGS = 10 Vdc,
RG = 9.1 Ω)
td(off)
84
165
Fall Time
G
)
tf
49
105
Gate Charge
(See Figure 8)
(V
400 Vd
I
7 0 Ad
QT
70
105
nC
(VDS = 400 Vdc, ID = 7.0 Adc,
VGS = 10 Vdc)
Q1
13
VGS = 10 Vdc)
Q2
28
Q3
23
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage (1)
(IS = 7.0 Adc, VGS = 0 Vdc)
(IS = 7.0 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
0.817
0.7
1.14
Vdc
Reverse Recovery Time
(See Figure 14)
(I
7 0 Ad
V
0 Vd
trr
651
ns
(See Figure 14)
(IS = 7.0 Adc, VGS = 0 Vdc,
ta
164
( S
,
GS
,
dIS/dt = 100 A/µs)
tb
487
Reverse Recovery Stored Charge
QRR
4.78
µC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from the drain lead 0.25
″ from package to center of die)
LD
4.5
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
LS
13
nH
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.


Similar Part No. - MTW7N80E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTW7N80E ONSEMI-MTW7N80E Datasheet
204Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
logo
Inchange Semiconductor ...
MTW7N80E ISC-MTW7N80E Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MTW7N80E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD1N80E MOTOROLA-MTD1N80E Datasheet
269Kb / 10P
   TMOS POWER FET 1.0 AMPERES 800 VOLTS RDS(on) = 12 OHM
MTP1N80E MOTOROLA-MTP1N80E Datasheet
221Kb / 8P
   TMOS POWER FET 1.0 AMPERES 800 VOLTS RDS(on) = 12 OHMS
MTP4N80E MOTOROLA-MTP4N80E Datasheet
159Kb / 8P
   TMOS POWER FET 4.0 AMPERES 800 VOLTS RDS(on) = 3.0 OHM
MTY16N80E MOTOROLA-MTY16N80E Datasheet
239Kb / 8P
   TMOS POWER FET 16 AMPERES 800 VOLTS RDS(on) = 0.50 OHM
MTP1N60E MOTOROLA-MTP1N60E Datasheet
232Kb / 8P
   TMOS POWER FET 1.0 AMPERES 600 VOLTS RDS(on) = 8.0 OHM
MTP5N40E MOTOROLA-MTP5N40E Datasheet
258Kb / 8P
   TMOS POWER FET 5.0 AMPERES 400 VOLTS RDS(on) = 1.0 OHM
MTP1N50E MOTOROLA-MTP1N50E Datasheet
159Kb / 8P
   TMOS POWER FET 1.0 AMPERES 500 VOLTS RDS(on) = 5.0 OHM
MTD5N25E MOTOROLA-MTD5N25E Datasheet
252Kb / 10P
   TMOS POWER FET 5.0 AMPERES 250 VOLTS RDS(on) = 1.0 OHM
MTP1N100E MOTOROLA-MTP1N100E Datasheet
203Kb / 8P
   TMOS POWER FET 1.0 AMPERES 1000 VOLTS RDS(on) = 9.0 OHM
MTP6P20E MOTOROLA-MTP6P20E Datasheet
216Kb / 8P
   TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 1.0 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com