Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A61L6316V-12 Datasheet(PDF) 5 Page - AMIC Technology

Part # A61L6316V-12
Description  64K X 16 BIT HIGH SPEED CMOS SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A61L6316V-12 Datasheet(HTML) 5 Page - AMIC Technology

  A61L6316V-12 Datasheet HTML 1Page - AMIC Technology A61L6316V-12 Datasheet HTML 2Page - AMIC Technology A61L6316V-12 Datasheet HTML 3Page - AMIC Technology A61L6316V-12 Datasheet HTML 4Page - AMIC Technology A61L6316V-12 Datasheet HTML 5Page - AMIC Technology A61L6316V-12 Datasheet HTML 6Page - AMIC Technology A61L6316V-12 Datasheet HTML 7Page - AMIC Technology A61L6316V-12 Datasheet HTML 8Page - AMIC Technology A61L6316V-12 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
A61L6316 Series
(July, 2002, Version 1.1)
4
AMIC Technology, Inc.
Absolute Maximum Ratings*
VCC to GND . . . . . . . . . . . . . . . . . . . . . . -0.5V to +4.6V
IN, IN/OUT Volt to GND . . . . . . . . -0.5V to VCC + 0.5V
Operating Temperature, Topr . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . 0
°C to +70°C or -25°C to +85°C
Storage Temperature, Tstg . . . . . . . . . -55
°C to +125°C
Power Dissipation, PT . . . . . . . . . . . . . . . . . . . . . 0.7W
Soldering Temp. & Time . . . . . . . . . . . . . 260
°C, 10 sec
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied or intended.
Exposure to the absolute
maximum rating conditions for extended periods may
affect device reliability.
DC Electrical Characteristics (TA = 0
°C to + 70°C or -25°C to +85°C, -10: 3.3V+10%, -5%; -12, -15: 3.3V±10%)
Symbol
Parameter
A61L6316-10
A61L6316-12
A61L6316-15
Unit
Conditions
Min.
Max.
Min.
Max.
Min.
Max.
ILI
Input Leakage
-
2
-
2
-
2
µA
VIN = GND to VCC
ILO
Output Leakage
-
2
-
2
-
2
µA
CE = VIH, OE = VIH
VI/O = GND to VCC
ICC1 (2)
Dynamic Operating
Current
-
230
-
220
-
210
mA
CE = VIL, II/O = 0 mA
Min. Cycle, Duty = 100%
ISB
-
25
-
25
-
25
mA
CE = VIH
ISB1
Standby Power
Supply Current
-
12
-
12
-
12
mA
CE
≥ VCC - 0.2V,
VIN
≥ VCC -0.2V or
VIN
≤ 0.2V
VOL
Output Low Voltage
-
0.4
-
0.4
-
0.4
V
IOL = 8 mA
VOH
Output High Voltage
2.4
-
2.4
-
2.4
-
V
IOH = -4 mA
Notes: 1. VIL = -3.0V for pulses less than 20 ns.
2. ICC1 is dependent on output loading, cycle rates, and Read/Write patterns.


Similar Part No. - A61L6316V-12

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A61L73081S-12 AMICC-A61L73081S-12 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A61L73081S-15 AMICC-A61L73081S-15 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A61L73081SW-12 AMICC-A61L73081SW-12 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A61L73081SW-15 AMICC-A61L73081SW-15 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - A61L6316V-12

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L6416 LYONTEK-LY61L6416_16 Datasheet
814Kb / 16P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A616316 AMICC-A616316 Datasheet
142Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L6416_1008 LYONTEK-LY61L6416_1008 Datasheet
283Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY61L6416 LYONTEK-LY61L6416 Datasheet
181Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416_1008 LYONTEK-LY616416_1008 Datasheet
167Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416 Datasheet
160Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416_16 Datasheet
681Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT61512 ETC-UT61512 Datasheet
148Kb / 7P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
UMC Corporation
UM61512A UMC-UM61512A Datasheet
164Kb / 16P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com