Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD0D-S00-GC0006L Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # ESD0D-S00-GC0006L
Description  Shaftless Contacting Encoders
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ESD0D-S00-GC0006L Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  ESD0D-S00-GC0006L Datasheet HTML 1Page - Bourns Electronic Solutions ESD0D-S00-GC0006L Datasheet HTML 2Page - Bourns Electronic Solutions ESD0D-S00-GC0006L Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5 ms DELAY
DEBOUNCE
(MC 14490)
9
7
MAGNITUDE
(CUSTOMER LOGIC CIRCUITRY)
DECODE
LOGIC
UP/DOWN
COUNTER
DIRECTION
BINARY
OUTPUT
Features
Quadrature output
Detent option
Snap-in PC board mount
Long operating life
Incremental output
Up to 24 full quadrature outputs per
revolution
ES Series - Shaftless Contacting Encoders
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Electrical Characteristics
Output .............................................................................................................. 2-bit quadrature code, Channel A leads Channel B turning clockwise (CW)
Closed Circuit Resistance .......................................................................................................................................................................... 5 ohms maximum
Open Circuit Resistance.......................................................................................................................................................................100 K ohms minimum
Contact Rating ................................................................................................................................................. 10 milliamp @ 10 VDC or 0.1 watt maximum
Insulation Resistance (500 VDC) ................................................................................................................................................... 1,000 megohms minimum
Dielectric Withstanding Voltage (MIL-STD-202 Method 301)
Sea Level ............................................................................................................................................................................................ 1,000 VAC minimum
Electrical Travel..................................................................................................................................................................................................... Continuous
Contact Bounce (15 RPM)............................................................................................................................................................... 5 milliseconds maximum
RPM (Operating)............................................................................................................................................................................................... 120 maximum
Environmental Characteristics
Operating Temperature Range ...................................................................................................................................... -40 ºC to +85 ºC (-40 °F to +185 °F)
Storage Temperature Range ......................................................................................................................................... -40 ºC to +85 ºC (-40 °F to +185 °F)
Humidity ............................................................................................................................................................... MIL-STD-202, Method 103B, Condition B
Vibration .......................................................................................................................................................................................................................... 15 G
Contact Bounce..........................................................................................................................................................................0.1 millisecond maximum
Shock .............................................................................................................................................................................................................................. 50 G
Contact Bounce..........................................................................................................................................................................0.1 millisecond maximum
Rotational Life ................................................................................................................................................................................ 200,000 shaft revolutions
IP Rating ..........................................................................................................................................................................................................................IP 40
Mechanical Characteristics
Mechanical Angle ................................................................................................................................................................................................. Continuous
Running Torque (Detented).............................................................................................................................................0.5 to 1.5 N-cm (0.75 to 2.25 oz-in.)
Undetented Torque.......................................................................................................................................................0.17 to 0.8 N-cm (0.25 to 1.25 oz-in.)
Weight ..................................................................................................................................................................................... Approximately 8 gm (0.28 oz.)
Terminals ................................................................................................................................................................................ Printed circuit board terminals
Soldering Condition
Manual Soldering...................................................96.5Sn/3.0Ag/0.5Cu solid wire or no-clean rosin cored wire; 370 °C (700 °F) max. for 3 seconds
Wave Soldering........................................................................... 96.5Sn/3.0Ag/0.5Cu solder with no-clean flux; 260 °C (500 °F) max. for 5 seconds
Wash Processes ...............................................................................................................................................................................Not recommended
Marking............................................................................................................................Manufacturer’s name and trademark, part number and date code
Hardware ............................................................................................................................................................................................. No hardware supplied
Quadrature Output Table
This table is intended to show available outputs as currently defined.
1/4 CYCLE PER DETENT
Open Circuit
Channel A
D DDD DD D D DD D D D D D D
D
Closed Circuit
Open Circuit
Closed Circuit
CW
CCW
CCW
Channel B
FULL CYCLE PER DETENT (Normally Open in Detent Shown)
Open Circuit
CW
Channel A
D
D
DDD
Closed Circuit
Open Circuit
Closed Circuit
Channel B
RECOMMENDED INCREMENTAL CONTROL DIAGRAM FOR USE WITH A DEBOUNCE CIRCUIT


Similar Part No. - ESD0D-S00-GC0006L

ManufacturerPart #DatasheetDescription
logo
celduc-relais
ESD01000 CELDUC-ESD01000 Datasheet
432Kb / 2P
   SLIM SOCKET
ESD01000 CELDUC-ESD01000 Datasheet
448Kb / 2P
   SLIM SOCKET
ESD01000 CELDUC-ESD01000_1 Datasheet
448Kb / 2P
   SLIM SOCKET
logo
Shanghai Leiditech Elec...
ESD01811CDN LEIDITECH-ESD01811CDN Datasheet
2Mb / 4P
   BIDIRECTIONAL TVS DIODE
ESD01811CDNH LEIDITECH-ESD01811CDNH Datasheet
2Mb / 4P
   BIDIRECTIONAL TVS DIODE
More results

Similar Description - ESD0D-S00-GC0006L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
ES-L BOURNS-ES-L Datasheet
173Kb / 3P
   Shaftless Contacting Encoder
0473 BOURNS-0473 Datasheet
273Kb / 1P
   Shaftless Rotary Potentiometer
PES12 BOURNS-PES12 Datasheet
163Kb / 2P
   12 mm Shaftless Encoder
PES12-40S-N0024 BOURNS-PES12-40S-N0024 Datasheet
163Kb / 2P
   12 mm Shaftless Encoder
logo
TT Electronics.
6150 TTELEC-6150 Datasheet
671Kb / 3P
   Non-contacting
logo
KODENSHI_AUK CORP.
KE-2H10 KODENSHI-KE-2H10 Datasheet
217Kb / 3P
   ENCODERS
KE-2H10 KODENSHI-KE-2H10_09 Datasheet
217Kb / 3P
   ENCODERS
KE2109 KODENSHI-KE2109 Datasheet
176Kb / 3P
   ENCODERS
KE-2E10 KODENSHI-KE-2E10 Datasheet
177Kb / 3P
   ENCODERS
logo
Bourns Electronic Solut...
ECW1J-B24-BC0024L BOURNS-ECW1J-B24-BC0024L Datasheet
304Kb / 3P
   Digital Contacting Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com