Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC16827DGGRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74AVC16827DGGRE4
Description  20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AVC16827DGGRE4 Datasheet(HTML) 1 Page - Texas Instruments

  74AVC16827DGGRE4 Datasheet HTML 1Page - Texas Instruments 74AVC16827DGGRE4 Datasheet HTML 2Page - Texas Instruments 74AVC16827DGGRE4 Datasheet HTML 3Page - Texas Instruments 74AVC16827DGGRE4 Datasheet HTML 4Page - Texas Instruments 74AVC16827DGGRE4 Datasheet HTML 5Page - Texas Instruments 74AVC16827DGGRE4 Datasheet HTML 6Page - Texas Instruments 74AVC16827DGGRE4 Datasheet HTML 7Page - Texas Instruments 74AVC16827DGGRE4 Datasheet HTML 8Page - Texas Instruments 74AVC16827DGGRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
DESCRIPTION
136
-128
-144
-160
0.4
0.8
1.2
1.6
2.0
2.4
2.8
170
153
119
102
85
68
51
34
17
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
TA = 25°C
Process = Nominal
IOL - Output Current - mA
VCC = 3.3 V
VCC = 2.5 V
VCC = 1.8 V
TA = 25°C
Process = Nominal
IOH - Output Current - mA
VCC = 3.3 V
VCC = 2.5 V
VCC = 1.8 V
-80
-96
-112
-32
-48
-64
0
-16
SN74AVC16827
20-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCES176I – DECEMBER 1998 – REVISED JUNE 2005
Dynamic Drive Capability Is Equivalent to
Standard Outputs With IOH and IOL of ±24 mA
Member of the Texas Instruments Widebus™
at 2.5-V VCC
Family
Overvoltage-Tolerant Inputs/Outputs Allow
EPIC™ (Enhanced-Performance Implanted
Mixed-Voltage-Mode Data Communications
CMOS) Submicron Process
Ioff Supports Partial-Power-Down Mode
DOC™ (Dynamic Output Control) Circuit
Operation
Dynamically Changes Output Impedance,
Resulting in Noise Reduction Without Speed
Latch-Up Performance Exceeds 100 mA Per
Degradation
JESD 78, Class II
Less Than 2-ns Maximum Propagation Delay
Package Options Include Plastic Thin Shrink
at 2.5-V and 3.3-V VCC
Small-Outline (DGG) and Thin Very
Small-Outline (DGV) Packages
A Dynamic Output Control (DOC™) circuit is implemented, which, during the transition, initially lowers the output
impedance to effectively drive the load and, subsequently, raises the impedance to reduce noise. Figure 1 shows
typical VOL vs IOL and VOH vs IOH curves to illustrate the output impedance and drive capability of the circuit. At
the beginning of the signal transition, the DOC circuit provides a maximum dynamic drive that is equivalent to a
high-drive standard-output device. For more information, refer to the TI application reports, AVC Logic Family
Technology and Applications, literature number SCEA006, and Dynamic Output Control (DOC™) Circuitry
Technology and Applications, literature number SCEA009.
Figure 1. Output Voltage vs Output Current
This 20-bit noninverting buffer/driver is operational at 1.2-V to 3.6-V VCC, but is designed specifically for 1.65-V to
3.6-V VCC operation.
The SN74AVC16827 is composed of two 10-bit sections with separate output-enable signals. For either 10-bit
buffer section, the two output-enable (1OE1 and 1OE2 or 2OE1 and 2OE2) inputs must both be low for the
corresponding Y outputs to be active. If either output-enable input is high, the outputs of that 10-bit buffer section
are in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
The SN74AVC16827 is characterized for operation from –40°C to 85°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus, EPIC, DOC are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 74AVC16827DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AVC16827DGGRE4 TI-74AVC16827DGGRE4 Datasheet
338Kb / 15P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74AVC16827DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC16828 TI-SN74ALVC16828 Datasheet
208Kb / 4P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162827 PERICOM-PI74ALVCH162827 Datasheet
330Kb / 4P
   20-Bit Buffer Driver with 3-STATE Outputs
PI74ALVCH16827 PERICOM-PI74ALVCH16827 Datasheet
296Kb / 4P
   20-Bit Buffer/Driver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16827-EP TI1-SN74ALVCH16827-EP Datasheet
286Kb / 12P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162827 TI-SN74ALVCH162827 Datasheet
152Kb / 10P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16827 TI-SN74ALVCH16827 Datasheet
122Kb / 9P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827DGVR TI-SN74AVC16827DGVR Datasheet
338Kb / 15P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162827 TI1-SN74ALVCH162827_08 Datasheet
345Kb / 13P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16827DGGR TI1-SN74ALVCH16827DGGR Datasheet
300Kb / 14P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827 TI-SN74AVC16827 Datasheet
192Kb / 13P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com