Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC16827DGGRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # 74AVC16827DGGRG4
Description  20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AVC16827DGGRG4 Datasheet(HTML) 5 Page - Texas Instruments

  74AVC16827DGGRG4 Datasheet HTML 1Page - Texas Instruments 74AVC16827DGGRG4 Datasheet HTML 2Page - Texas Instruments 74AVC16827DGGRG4 Datasheet HTML 3Page - Texas Instruments 74AVC16827DGGRG4 Datasheet HTML 4Page - Texas Instruments 74AVC16827DGGRG4 Datasheet HTML 5Page - Texas Instruments 74AVC16827DGGRG4 Datasheet HTML 6Page - Texas Instruments 74AVC16827DGGRG4 Datasheet HTML 7Page - Texas Instruments 74AVC16827DGGRG4 Datasheet HTML 8Page - Texas Instruments 74AVC16827DGGRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
Switching Characteristics
(1)
Operating Characteristics
SN74AVC16827
20-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCES176I – DECEMBER 1998 – REVISED JUNE 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
IOHS = –100 µA,
VIH = VCC
1.4 V to 3.6 V
VCC – 0.2
IOHS = –2 mA,
VIH = 0.91 V
1.4 V
1.05
VOH
IOHS = –4 mA,
VIH = 1.07 V
1.65 V
1.2
V
IOHS = –8 mA,
VIH = 1.7 V
2.3 V
1.75
IOHS = –12 mA,
VIH = 2 V
3 V
2.3
IOLS = 100 µA
1.4 V to 3.6 V
0.2
IOLS = 2 mA,
VIL = 0.49 V
1.4 V
0.4
VOL
IOLS = 4 mA,
VIL = 0.57 V
1.65 V
0.45
V
IOLS = 8 mA,
VIL = 0.7 V
2.3 V
0.55
IOLS = 12 mA,
VIL = 0.8 V
3 V
0.7
II
VI = VCC or GND
3.6 V
±2.5
µA
Ioff
VI or VO = 3.6 V
0
±10
µA
IOZ
VO = VCC or GND,
VIH = VCC
3.6 V
±12.5
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
40
µA
2.5 V
4
Control inputs
VI = VCC or GND
3.3 V
4
Ci
pF
2.5 V
2.5
Data inputs
VI = VCC or GND
3.3 V
2.5
2.5 V
6.5
Co
Outputs
VO = VCC or GND
pF
3.3 V
6.5
(1)
Typical values are measured at TA = 25°C.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2 through Figure 5)
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
3
0.4
3.2
0.9
2.9
0.8
1.9
0.5
1.7
ns
ten
OE
Y
8.7
2.3
9.1
2.1
8
1.4
5.6
1.2
5.1
ns
tdis
OE
Y
7.5
2.7
8.3
2.5
7.3
0.9
4.9
1
4.7
ns
T
A = 0°C to 85°C, CL = 0 pF
VCC = 3.3 V
FROM
TO
± 0.15 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
tpd
A
Y
0.09
0.67
ns
(1)
Texas Instruments SPICE simulation data
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
Outputs enabled
31
35
40
Power dissipation
Cpd
CL = 0,
f = 10 MHz
pF
capacitance
Outputs disabled
6
6
6
5


Similar Part No. - 74AVC16827DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AVC16827DGGRG4 TI-74AVC16827DGGRG4 Datasheet
338Kb / 15P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74AVC16827DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC16828 TI-SN74ALVC16828 Datasheet
208Kb / 4P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162827 PERICOM-PI74ALVCH162827 Datasheet
330Kb / 4P
   20-Bit Buffer Driver with 3-STATE Outputs
PI74ALVCH16827 PERICOM-PI74ALVCH16827 Datasheet
296Kb / 4P
   20-Bit Buffer/Driver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16827-EP TI1-SN74ALVCH16827-EP Datasheet
286Kb / 12P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162827 TI-SN74ALVCH162827 Datasheet
152Kb / 10P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16827 TI-SN74ALVCH16827 Datasheet
122Kb / 9P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827DGVR TI-SN74AVC16827DGVR Datasheet
338Kb / 15P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162827 TI1-SN74ALVCH162827_08 Datasheet
345Kb / 13P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16827DGGR TI1-SN74ALVCH16827DGGR Datasheet
300Kb / 14P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827 TI-SN74AVC16827 Datasheet
192Kb / 13P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com