Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A62L256R-70LL Datasheet(PDF) 2 Page - AMIC Technology

Part # A62L256R-70LL
Description  32K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A62L256R-70LL Datasheet(HTML) 2 Page - AMIC Technology

  A62L256R-70LL Datasheet HTML 1Page - AMIC Technology A62L256R-70LL Datasheet HTML 2Page - AMIC Technology A62L256R-70LL Datasheet HTML 3Page - AMIC Technology A62L256R-70LL Datasheet HTML 4Page - AMIC Technology A62L256R-70LL Datasheet HTML 5Page - AMIC Technology A62L256R-70LL Datasheet HTML 6Page - AMIC Technology A62L256R-70LL Datasheet HTML 7Page - AMIC Technology A62L256R-70LL Datasheet HTML 8Page - AMIC Technology A62L256R-70LL Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
A62L256 Series
Preliminary
32K X 8 BIT LOW VOLTAGE CMOS SRAM
PRELIMINARY
(November, 2001, Version 1.4)
2
AMIC Technology, Inc.
Features
n External Operating Voltage: 2.7V to 3.6V
n Access times: 55ns (max.): for VCC = 3.0V to 3.6V
70ns (max.): for VCC = 2.7V to 3.6V
n Current: Operating (ICC1): -55 series 18mA (typ.)
-70 series
12mA (typ.)
Standby (ISB1):
0.05
µA (typ.)
n Extended operating temperature range: -40º C to
+85º C for -LLU series
n Full static operation, no clock or refreshing required
n All inputs and outputs are directly TTL-compatible
n Common I/O using three-state output
n Data retention voltage: 2.0V (min.)
n Available in 28-pin DIP, SOP and TSOP (forward and
reverse type) packages
General Description
The A62L256 is a low operating current 262,144-bit static
random access memory organized as 32,768 words by 8
bits and operates on a low power voltage: 2.7V to 3.6V.
Inputs and three-state outputs are TTL compatible and
allow for direct interfacing with common system bus
structures.
Minimum standby power is drawn by this device when
CE is at a high level, independent of the other input
levels.
Data retention is guaranteed at a power supply voltage
as low as 2.0V.
Product Family
Power Dissipation
Product Family
Operating
Temperature
VCC
Range
Speed
Data Retention
(ICCDR, Typ.)
Standby
(ISB1, Typ.)
Operating
(ICC2, Typ.)
Package
Type
A62L256
-40
°C ~ +85°C 2.7V~3.6V
55ns / 70ns
0.02
µA
0.05
µA
1mA
28L DIP
28L SOP
28L TSOP
1. Typical values are measured at VCC = 3.0V, TA = 25
°C and not 100% tested.
2. Data retention current VCC = 2.0V.
Pin Configurations
n DIP
n SOP
n TSOP
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
I/O3
I/O4
I/O5
I/O6
I/O7
CE
OE
A11
A9
A8
A13
WE
VCC
A10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
I/O3
I/O4
I/O5
I/O6
I/O7
CE
OE
A11
A9
A8
A13
WE
VCC
A10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
A62L256V
1
9
28
20
A11
2
3
4
5
6
7
8
10
11
12
13
14
A9
A8
A13
A14
A12
A7
A6
A5
A4
A3
27
26
25
24
23
22
21
19
18
17
16
15
I/O6
I/O5
I/O4
I/O3
VSS
I/O2
I/O1
I/O0
A0
A1
A2
A10
VCC
I/O7
OE
WE
CE
A62L256R
1
9
28
20
A4
2
3
4
5
6
7
8
10
11
12
13
14
A5
A6
A7
VCC
A13
A8
A9
A11
27
26
25
24
23
22
21
19
18
17
16
15
I/O0
I/O1
I/O2
VSS
I/O3
I/O4
I/O5
I/O6
I/O7
A10
A2
A14
A0
A3
A12
A1
WE
OE
CE


Similar Part No. - A62L256R-70LL

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
A62 CONNOR-WINFIELD-A62 Datasheet
53Kb / 1P
   8 PIN DIP ACMOS
logo
AiT Semiconductor Inc.
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
A6201AE3RXXZ AITSEMI-A6201AE3RXXZ Datasheet
377Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
A6201AE3VRXXZ AITSEMI-A6201AE3VRXXZ Datasheet
377Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
A6201AK3RXXZ AITSEMI-A6201AK3RXXZ Datasheet
377Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
More results

Similar Description - A62L256R-70LL

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308 AMICC-A625308 Datasheet
126Kb / 13P
   32K X 8 BIT CMOS SRAM
logo
Hynix Semiconductor
HY62C256 HYNIX-HY62C256 Datasheet
376Kb / 11P
   32K x 8-BIT CMOS SRAM
logo
AMIC Technology
A625308A AMICC-A625308A Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2565 BSI-BS62LV2565 Datasheet
330Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com