Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A62S7308BX-55S Datasheet(PDF) 10 Page - AMIC Technology

Part # A62S7308BX-55S
Description  128K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A62S7308BX-55S Datasheet(HTML) 10 Page - AMIC Technology

Back Button A62S7308BX-55S Datasheet HTML 6Page - AMIC Technology A62S7308BX-55S Datasheet HTML 7Page - AMIC Technology A62S7308BX-55S Datasheet HTML 8Page - AMIC Technology A62S7308BX-55S Datasheet HTML 9Page - AMIC Technology A62S7308BX-55S Datasheet HTML 10Page - AMIC Technology A62S7308BX-55S Datasheet HTML 11Page - AMIC Technology A62S7308BX-55S Datasheet HTML 12Page - AMIC Technology A62S7308BX-55S Datasheet HTML 13Page - AMIC Technology A62S7308BX-55S Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
A62S7308B Series
PRELIMINARY
(March, 2001, Version 0.2)
9
AMIC Technology, Inc.
Timing Waveforms (continued)
Write Cycle 2
(6)
(Chip Enable Controlled)
tWC
Address
CE1
CE2
DIN
tDH
tDW
(4)
(4)
tCW5
tAW
tWR3
WE
DOUT
tWHZ7
tWP2
tCW5
tAS1
Notes: 1. tAS is measured from the address valid to the beginning of Write.
2. A Write occurs during the overlap (tWP) of a low CE1, a high CE2 and a low WE .
3. tWR is measured from the earliest of CE1 or WE going high or CE2 going low to the end of the Write cycle.
4. If the CE1 low transition or the CE2 high transition occurs simultaneously with the WE low transition or after
the WE transition, outputs remain in a high impedance state.
5. tCW is measured from the later of CE1 going low or CE2 going high to the end of Write.
6. OE is continuously low. ( OE = VIL)
7. Transition is measured
±500mV from steady state. This parameter is sampled and not 100% tested.


Similar Part No. - A62S7308BX-55S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S7316 AMICC-A62S7316 Datasheet
144Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S7316G-55S AMICC-A62S7316G-55S Datasheet
144Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S7316G-55SI AMICC-A62S7316G-55SI Datasheet
144Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S7316G-70S AMICC-A62S7316G-70S Datasheet
144Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S7316G-70SI AMICC-A62S7316G-70SI Datasheet
144Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - A62S7308BX-55S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S1024B-T AMICC-LP62S1024B-T Datasheet
197Kb / 18P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-T AMICC-LP62S1024B-T_15 Datasheet
250Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024A-I AMICC-LP62S1024A-I Datasheet
155Kb / 15P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-I AMICC-LP62S1024B-I Datasheet
246Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024A-T AMICC-LP62S1024A-T Datasheet
189Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-I AMICC-LP62S1024B-I_15 Datasheet
207Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
A627308 AMICC-A627308 Datasheet
250Kb / 16P
   128K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com