Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEL12D-2231F-S1024 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PEL12D-2231F-S1024
Description  12 mm Encoder with Switch and Illuminated Shaft
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEL12D-2231F-S1024 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PEL12D-2231F-S1024 Datasheet HTML 1Page - Bourns Electronic Solutions PEL12D-2231F-S1024 Datasheet HTML 2Page - Bourns Electronic Solutions PEL12D-2231F-S1024 Datasheet HTML 3Page - Bourns Electronic Solutions PEL12D-2231F-S1024 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PEL12D - 12 mm Encoder with Switch and Illuminated Shaft
Product Dimensions
0.8
(.031)
4 PLCS.
PEL12D-2xxxS-Sxxxx (Vertical Mount w/Dual LED & Switch, Knurled Shaft)
A
C
B
10.0
(.394)
8.2
(.315)
12.4
(.488)
10.2
(.402)
13.2
(.520)
4
3
2
1
18.0
(.709)
25.0
(.984)
7.0
(.276)
DIA.
6.8
(.268)
MOUNTING
SURFACE
0.8
(.031)
6.0
(.236)
DIA.
SWITCH
STROKE
18 TEETH
5.0
(.197)
7.0
(.276)
0.5 +0/-0.3
(.020 +0/-.012)
2.0
(.079)
2.5
(.098)
10.0
(.394)
6.1
(.240)
3.5
(.138)
DIA. 3 PLCS.
1.1 +0.2/-0
(.043 +.008/-0)
DIA. 4 PLCS.
1.0 +0.2/-0
(.039 +.008/-0)
2.1 +0.1/-0
(.083 +.004/-0)
2 PLCS.
2.0 +0.1/-0
(.079 +.004/-0)
2 PLCS.
2.0 +0.1/-0
(.079 +.004/-0)
2 PLCS.
10.8 ± 0.1
(.425 ± .004)
3.1 ± 0.1
(.122 ± .004)
5.0 ± 0.1
(.197 ± .004)
A
C
B
4.5 ± 0.1
(.177 ± .004)
2.0 ± 0.1
(.079 ± .004)
6.0 ± 0.1
(.236 ± .004)
PEL12D-2xxxF-Sxxxx (Vertical Mount w/Dual LED & Switch, Flatted Shaft)
A
C
B
10.0
(.394)
8.2
(.315)
12.4
(.488)
10.2
(.402)
13.2
(.520)
7.0
(.276)
DIA.
6.8
(.268)
MOUNTING
SURFACE
0.8
(.031)
5.0
(.197)
2.0
(.079)
2.5
(.098)
10.0
(.394)
6.1
(.240)
3.5
(.138)
L1
LM
0.5
(.020)
4.5 ± 0.05
(.177 ± .002)
6.0 ± 0.1
(.236 ± .004)
DIA.
1.5
(.591)
SWITCH
STROKE
0.5 +0/-0.3
(.020 +0/-.012)
L1
LM
3
(.118)
16
(.630)
5
(.197)
18.5
(.728)
7
(.276)
21
(.827)
12
(.472)
26
(1.024)
12
(.472)
31
(1.220)
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
DIMENSIONS:
MM
(INCHES)
UNDER
=
10.0
(.394)
TOLERANCES:
±0.3
(±.012)
=
10.0 ~ 100
(.394 ~ 3.937)
±0.5
(±.020)


Similar Part No. - PEL12D-2231F-S1024

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEL12D BOURNS-PEL12D Datasheet
405Kb / 4P
   12 mm Encoder with Switch and Illuminated Shaft
More results

Similar Description - PEL12D-2231F-S1024

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEL12D BOURNS-PEL12D Datasheet
405Kb / 4P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12T BOURNS-PEL12T Datasheet
311Kb / 3P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12T-4021F-S1024 BOURNS-PEL12T-4021F-S1024 Datasheet
311Kb / 3P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12T-4021F-S1024 BOURNS-PEL12T-4021F-S1024_16 Datasheet
392Kb / 3P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12S-4020F-N1024 BOURNS-PEL12S-4020F-N1024 Datasheet
386Kb / 4P
   12 mm Encoder with Illuminated Shaft
PEL12S BOURNS-PEL12S Datasheet
386Kb / 4P
   12 mm Encoder with Illuminated Shaft
logo
GREATECS
EC7 GREATECS-EC7 Datasheet
1Mb / 12P
   12 mm Insulated Shaft Rotary Encoder with LED
logo
TT Electronics.
OPE1275S TTELEC-OPE1275S Datasheet
236Kb / 4P
   Incremental Shaft Encoder
logo
Bourns Electronic Solut...
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
   12 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
   12 mm Incremental Encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com