Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMS22Q33-D20-WS1 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # EMS22Q33-D20-WS1
Description  Non-Contacting Incremental Encoder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

EMS22Q33-D20-WS1 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  EMS22Q33-D20-WS1 Datasheet HTML 1Page - Bourns Electronic Solutions EMS22Q33-D20-WS1 Datasheet HTML 2Page - Bourns Electronic Solutions EMS22Q33-D20-WS1 Datasheet HTML 3Page - Bourns Electronic Solutions EMS22Q33-D20-WS1 Datasheet HTML 4Page - Bourns Electronic Solutions EMS22Q33-D20-WS1 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EMS22Q - Non-Contacting Incremental Encoder
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Cable Assembly
25.4
(1.0)
MAX.
2 PLCS.
254.0 ± 6.35
(10.00 ± 0.25)
CIRCUIT #1
13.97
(0.55)
2 PLCS.
CIRCUIT #1
PIN 1 IDENTIFICATION STRIPE
CONNECTOR
2.00 MM PITCH, 6 CIRCUITS
2 PLCS.
FLAT CABLE
2.0 MM PITCH ROUND CONDUCTOR
24 AWG (7X32) STRANDED, TOP COAT
6 CIRCUITS, P.V.C. INSULATION
9.53
(.375)
22.23 ± .78
(.875 ± .031)
13.89 ± .38
(.547 ± .015)
1.57
(.062)
1.57
(.062)
1.57
(.062)
4.00
(.157)
15.88 ± .25
(.625 ± .010)
.51 ± .03
(.020 ± .001)
2.01
(.079)
5 PLCS.
6 PLCS.
6 PLCS.
2.74
(.108)
.51 ± .03
(.020 ± .001)
21.21 ± .25
(.835 ± .010)
19.05
(.75)
DIA.
DIA.
3.17 +.00/-.01
(.1247 +.0000/-.0003)
22.23
(.875)
DIA.
Product Dimensions (Continued)
DIMENSIONS:
MM
(INCHES)
Shaft Style D (Bushing W)


Similar Part No. - EMS22Q33-D20-WS1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EMS22Q33-D20-WS1 BOURNS-EMS22Q33-D20-WS1 Datasheet
331Kb / 4P
   Non-Contacting Incremental Encoder
More results

Similar Description - EMS22Q33-D20-WS1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EMS22Q BOURNS-EMS22Q Datasheet
331Kb / 4P
   Non-Contacting Incremental Encoder
EMS22A BOURNS-EMS22A Datasheet
391Kb / 5P
   Non-Contacting Absolute Encoder
EMS22P BOURNS-EMS22P_14 Datasheet
405Kb / 5P
   Non-Contacting PWM Encoder
EMS22P BOURNS-EMS22P Datasheet
413Kb / 4P
   Non-Contacting PWM Encoder
EMS22 BOURNS-EMS22 Datasheet
1Mb / 8P
   Non-Contacting Magnetic Encoder
EMS22A BOURNS-EMS22A_13 Datasheet
384Kb / 5P
   Non-Contacting Absolute Encoder
EMS22A50-B28-LS6 BOURNS-EMS22A50-B28-LS6 Datasheet
384Kb / 5P
   Non-Contacting Absolute Encoder
EMS22D BOURNS-EMS22D_14 Datasheet
359Kb / 5P
   Non-Contacting Direction/Step Encoder
EMS22D BOURNS-EMS22D Datasheet
331Kb / 4P
   Non-Contacting Direction/Step Encoder
ECW1J-B24-BC0024L BOURNS-ECW1J-B24-BC0024L Datasheet
304Kb / 3P
   Digital Contacting Encoder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com