Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1754ST-5002EMC Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1754ST-5002EMC
Description  150 mA, 16V, High Performance LDO
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1754ST-5002EMC Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1754ST-5002EMC Datasheet HTML 3Page - Microchip Technology MCP1754ST-5002EMC Datasheet HTML 4Page - Microchip Technology MCP1754ST-5002EMC Datasheet HTML 5Page - Microchip Technology MCP1754ST-5002EMC Datasheet HTML 6Page - Microchip Technology MCP1754ST-5002EMC Datasheet HTML 7Page - Microchip Technology MCP1754ST-5002EMC Datasheet HTML 8Page - Microchip Technology MCP1754ST-5002EMC Datasheet HTML 9Page - Microchip Technology MCP1754ST-5002EMC Datasheet HTML 10Page - Microchip Technology MCP1754ST-5002EMC Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
© 2011 Microchip Technology Inc.
DS22276A-page 7
MCP1754/MCP1754S
PWRGD Time Delay
TPG
100
µs
Rising Edge of VOUT,
RPULLUP = 10 kΩ
Detect Threshold to
PWRGD Active Time
Delay
TVDET_PWRGD
200
µs
Falling Edge of VOUT after
Transition from
VOUT = VPRWRGD_TH + 50 mV,
to VPWRGD_TH - 50 mV,
RPULLUP = 10kΩ to VIN
AC Performance
Output Delay From VIN To
VOUT = 90% VREG
TDELAY
—240
µs
VIN = 0V to 16V, VOUT = 90%
VR,
tr (VIN)= 5V/µs,
COUT = 1 µF, SHDN = VIN
Output Delay From VIN To
VOUT > 0.1V
TDELAY_START
—80
µs
VIN = 0V to 16V, VOUT ≥ 0.1V,
tr (VIN)= 5V/µs,
COUT = 1 µF, SHDN = VIN
Output Delay From SHDN
TDELAY_SHDN
—160
µs
VIN = 16V, VOUT = 90% VR,
COUT = 1 µF, SHDN = GND to
VIN
Output Noise
eN
—3
µV/(Hz)1/2 IL = 50 mA, f = 1 kHz,
COUT = 1 µF
Power Supply Ripple
Rejection Ratio
PSRR
72
dB
VR = 5V, f = 1 kHz, IL =
150 mA,
VINAC = 1V pk-pk, CIN = 0 µF,
VIN = VR + 1.5V
Thermal Shutdown
Temperature
TSD
—150
°C
Note 6
Thermal Shutdown
Hysteresis
ΔTSD
10
°C
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all limits are established for VIN = VR + 1V, Note 1, ILOAD = 1 mA, COUT =
1 µF (X7R), CIN = 1 µF (X7R), TA = 25°C, tr(VIN) = 0.5V/µs, SHDN = VIN, PWRGD = 10K to VOUT.
Boldface type applies for junction temperatures, TJ (Note 7) of -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note
1:
The minimum VIN must meet two conditions: VIN ≥ 3.6V and VIN ≥ VR + VDROPOUT(MAX).
2:
VR is the nominal regulator output voltage when the input voltage VIN = VRated + VDROPOUT(MAX) or ViIN = 3.6V (which-
ever is greater); IOUT = 1 mA.
3:
TCVOUT = (VOUT-HIGH - VOUT-LOW) *10
6 / (V
R * ΔTemperature), VOUT-HIGH = highest voltage measured over the
temperature range. VOUT-LOW = lowest voltage measured over the temperature range.
4:
Load regulation is measured at a constant junction temperature using low duty cycle pulse testing. Changes in output
voltage due to heating effects are determined using thermal regulation specification TCVOUT.
5:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal VR
measured value. The nominal VR measured value is obtained with
6:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction to air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power
dissipation will cause the device operating junction temperature to exceed the maximum 150°C rating. Sustained
junction temperatures above 150°C can impact the device reliability.
7:
The junction temperature is approximated by soaking the device under test at an ambient temperature equal to the
desired Junction temperature. The test time is small enough such that the rise in the Junction temperature over the
ambient temperature is not significant.


Similar Part No. - MCP1754ST-5002EMC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1754ST-5002EMC MICROCHIP-MCP1754ST-5002EMC Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
More results

Similar Description - MCP1754ST-5002EMC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1754 MICROCHIP-MCP1754 Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
2011
MCP1754ST-3302E MICROCHIP-MCP1754ST-3302E Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
MCP1754 MICROCHIP-MCP1754_13 Datasheet
1Mb / 44P
   150 mA, 16V, High Performance LDO
2011-2013
MCP1755 MICROCHIP-MCP1755_12 Datasheet
2Mb / 40P
   300 mA, 16V, High-Performance LDO
2012 11/29/12
MIC5376 MICROCHIP-MIC5376 Datasheet
2Mb / 24P
   High Performance Low Dropout 150 mA LDO
09/14/21
logo
Vishay Siliconix
SI9183 VISHAY-SI9183_05 Datasheet
181Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. G, 20-Jun-05
SI9183 VISHAY-SI9183 Datasheet
130Kb / 10P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. E, 29-Mar-04
SI9183 VISHAY-SI9183_V01 Datasheet
164Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
18-Jul-08
logo
ON Semiconductor
NCP105 ONSEMI-NCP105 Datasheet
1Mb / 16P
   LDO Regulator - High PSRR 150 mA
September, 2019 ??Rev. 1
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com