Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4550IPTQTP Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC18F4550IPTQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
Download  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550IPTQTP Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC18F4550IPTQTP Datasheet HTML 6Page - Microchip Technology PIC18F4550IPTQTP Datasheet HTML 7Page - Microchip Technology PIC18F4550IPTQTP Datasheet HTML 8Page - Microchip Technology PIC18F4550IPTQTP Datasheet HTML 9Page - Microchip Technology PIC18F4550IPTQTP Datasheet HTML 10Page - Microchip Technology PIC18F4550IPTQTP Datasheet HTML 11Page - Microchip Technology PIC18F4550IPTQTP Datasheet HTML 12Page - Microchip Technology PIC18F4550IPTQTP Datasheet HTML 13Page - Microchip Technology PIC18F4550IPTQTP Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 430 page
background image
PIC18F2455/2550/4455/4550
DS39632D-page 8
Preliminary
© 2007 Microchip Technology Inc.
1.2
Other Special Features
• Memory Endurance: The Enhanced Flash cells
for both program memory and data EEPROM are
rated to last for many thousands of erase/write
cycles – up to 100,000 for program memory and
1,000,000 for EEPROM. Data retention without
refresh is conservatively estimated to be greater
than 40 years.
• Self-Programmability: These devices can write to
their own program memory spaces under internal
software control. By using a bootloader routine,
located in the protected Boot Block at the top of
program memory, it becomes possible to create an
application that can update itself in the field.
• Extended Instruction Set: The
PIC18F2455/2550/4455/4550 family introduces
an optional extension to the PIC18 instruction set,
which adds 8 new instructions and an Indexed
Literal Offset Addressing mode. This extension,
enabled as a device configuration option, has
been specifically designed to optimize re-entrant
application code originally developed in high-level
languages such as C.
• Enhanced CCP Module: In PWM mode, this
module provides 1, 2 or 4 modulated outputs for
controlling half-bridge and full-bridge drivers.
Other features include auto-shutdown for
disabling PWM outputs on interrupt or other select
conditions and auto-restart to reactivate outputs
once the condition has cleared.
• Enhanced Addressable USART: This serial
communication module is capable of standard
RS-232 operation and provides support for the LIN
bus protocol. Other enhancements include
Automatic Baud Rate Detection and a 16-bit Baud
Rate Generator for improved resolution. When the
microcontroller is using the internal oscillator
block, the EUSART provides stable operation for
applications that talk to the outside world without
using an external crystal (or its accompanying
power requirement).
• 10-Bit A/D Converter: This module incorporates
programmable acquisition time, allowing for a
channel to be selected and a conversion to be
initiated, without waiting for a sampling period and
thus, reducing code overhead.
• Dedicated ICD/ICSP Port: These devices
introduce the use of debugger and programming
pins that are not multiplexed with other micro-
controller features. Offered as an option in select
packages, this feature allows users to develop I/O
intensive applications while retaining the ability to
program and debug in the circuit.
1.3
Details on Individual Family
Members
Devices in the PIC18F2455/2550/4455/4550 family are
available in 28-pin and 40/44-pin packages. Block
diagrams for the two groups are shown in Figure 1-1
and Figure 1-2.
The devices are differentiated from each other in six
ways:
1.
Flash
program
memory
(24 Kbytes
for
PIC18FX455
devices,
32 Kbytes
for
PIC18FX550).
2.
A/D channels (10 for 28-pin devices, 13 for
40/44-pin devices).
3.
I/O ports (3 bidirectional ports and 1 input only
port on 28-pin devices, 5 bidirectional ports on
40/44-pin devices).
4.
CCP
and
Enhanced
CCP
implementation
(28-pin
devices
have
two
standard
CCP
modules, 40/44-pin devices have one standard
CCP module and one ECCP module).
5.
Streaming
Parallel
Port
(present
only
on
40/44-pin devices).
All other features for devices in this family are identical.
These are summarized in Table 1-1.
The pinouts for all devices are listed in Table 1-2 and
Table 1-3.
Like all Microchip PIC18 devices, members of the
PIC18F2455/2550/4455/4550 family are available as
both standard and low-voltage devices. Standard
devices with Enhanced Flash memory, designated with
an “F” in the part number (such as PIC18F2550),
accommodate an operating VDD range of 4.2V to 5.5V.
Low-voltage parts, designated by “LF” (such as
PIC18LF2550), function over an extended VDD range
of 2.0V to 5.5V.


Similar Part No. - PIC18F4550IPTQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F4550IPTQTP MICROCHIP-PIC18F4550IPTQTP Datasheet
7Mb / 438P
   28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
03/26/09
More results

Similar Description - PIC18F4550IPTQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LF2455-I MICROCHIP-PIC18LF2455-I Datasheet
7Mb / 438P
   28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
03/26/09
PIC18F4550-IP MICROCHIP-PIC18F4550-IP Datasheet
7Mb / 438P
   28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2009
PIC18F2455 MICROCHIP-PIC18F2455_07 Datasheet
7Mb / 430P
   28/40/44-Pin, High Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2007
PIC18LF4455-I-PT MICROCHIP-PIC18LF4455-I-PT Datasheet
7Mb / 438P
   28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
03/26/09
PIC18F2455 MICROCHIP-PIC18F2455 Datasheet
95Kb / 6P
   28/40/44-Pin High-Performance, Enhanced Flash USB Microcontrollers with nanoWatt Technology
2003
PIC18F2455 MICROCHIP-PIC18F2455_09 Datasheet
7Mb / 438P
   28/40/44-Pin,High-Performance,Enhanced Flash,USB Microcontrollers with nanoWatt Technology
03/26/09
PIC18F2450 MICROCHIP-PIC18F2450_08 Datasheet
5Mb / 324P
   28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2008
PIC18F2450 MICROCHIP-PIC18F2450 Datasheet
5Mb / 320P
   28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2006
PIC18LF4550-I MICROCHIP-PIC18LF4550-I Datasheet
7Mb / 438P
   28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
03/26/09
PIC18F2458 MICROCHIP-PIC18F2458 Datasheet
1,020Kb / 46P
   28/40/44-Pin High-Performance, Enhanced Flash, USB Microcontrollers with 12-Bit A/D and nanoWatt Technology
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com