Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A62S6316G-70S Datasheet(PDF) 1 Page - AMIC Technology

Part # A62S6316G-70S
Description  64K X 16 BIT LOW VOLTAGE CMOS SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A62S6316G-70S Datasheet(HTML) 1 Page - AMIC Technology

  A62S6316G-70S Datasheet HTML 1Page - AMIC Technology A62S6316G-70S Datasheet HTML 2Page - AMIC Technology A62S6316G-70S Datasheet HTML 3Page - AMIC Technology A62S6316G-70S Datasheet HTML 4Page - AMIC Technology A62S6316G-70S Datasheet HTML 5Page - AMIC Technology A62S6316G-70S Datasheet HTML 6Page - AMIC Technology A62S6316G-70S Datasheet HTML 7Page - AMIC Technology A62S6316G-70S Datasheet HTML 8Page - AMIC Technology A62S6316G-70S Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
A62S6316 Series
Preliminary
64K X 16 BIT LOW VOLTAGE CMOS SRAM
PRELIMINARY
(August, 2002, Version 0.5)
AMIC Technology, Inc.
Document Title
64K X 16 BIT LOW VOLTAGE CMOS SRAM
Revision History
Rev. No.
History
Issue Date
Remark
0.0
Initial issue
October 8, 1998
Preliminary
0.1
Change access times from 70/100 ns to 55/70 ns(max.)
February 12, 1999
Change dynamic operating current from 80/70mA to 40mA
Modify TSOP 44L (Type II) package outline drawing
0.2
Modify truth table
June 9, 1999
0.3
Change dynamic operating current from 40mA to 50mA(max.)
June 21, 1999
0.4
Modify TSOP 44L (Type II) package outline drawing and
November 9, 1999
Dimensions
0.5
Add mini BGA package outline dimensions symbol E2 min.
August 12, 2002
and max.


Similar Part No. - A62S6316G-70S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S6308 AMICC-A62S6308 Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308A AMICC-A62S6308A Datasheet
168Kb / 16P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308G-10S AMICC-A62S6308G-10S Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308G-10SI AMICC-A62S6308G-10SI Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308G-70S AMICC-A62S6308G-70S Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - A62S6316G-70S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S1664C AMICC-LP62S1664C_15 Datasheet
169Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S1664C AMICC-LP62S1664C Datasheet
148Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416 Datasheet
178Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416_1008 LYONTEK-LY62L6416_1008 Datasheet
222Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416_16 Datasheet
695Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416 LYONTEK-LY626416_16 Datasheet
701Kb / 16P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010 Datasheet
216Kb / 10P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1013 BSI-BS616LV1013 Datasheet
258Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com