Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7C108 Datasheet(PDF) 10 Page - LOGIC Devices Incorporated

Part # L7C108
Description  128K x 8 Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L7C108 Datasheet(HTML) 10 Page - LOGIC Devices Incorporated

Back Button L7C108 Datasheet HTML 6Page - LOGIC Devices Incorporated L7C108 Datasheet HTML 7Page - LOGIC Devices Incorporated L7C108 Datasheet HTML 8Page - LOGIC Devices Incorporated L7C108 Datasheet HTML 9Page - LOGIC Devices Incorporated L7C108 Datasheet HTML 10Page - LOGIC Devices Incorporated L7C108 Datasheet HTML 11Page - LOGIC Devices Incorporated L7C108 Datasheet HTML 12Page - LOGIC Devices Incorporated L7C108 Datasheet HTML 13Page - LOGIC Devices Incorporated L7C108 Datasheet HTML 14Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
LOGIC Devices Incorporated
www.logicdevices.com
Feb 17, 2012 LDS-L7C108/9-G
1M Static RAMs
10
128K x 8 Static RAM
L7C108
L7C109
PACKAGE INFORMATION
0.05 ± 0.0775
0.135 ± 0.005
1.600 ± 0.016
0.018 ± 0.002
0.050 ± 0.002 TYP
0.170 ± 0.005
0.22 ± 0.015
0.050 ± 0.010
0.378 ± 0.005
0.400 ± 0.005
0.010
Base Plane
Seating Plane
Lead Location
Guage Plane
0.100 ± 0.05 TYP
+ 0.002
- 0.001
0.1471 ± 0.0063
0.317 ± 0.011
PKG D: 32L CERAMIC DIP (MD-D12)
*All measurements in inches
SMD 5962-89598 Case ‘Z’ / Ordering Code ‘D’


Similar Part No. - L7C108

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
More results

Similar Description - L7C108

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com