Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9D3512M32DBG2 Datasheet(PDF) 9 Page - LOGIC Devices Incorporated

Part # L9D3512M32DBG2
Description  16-32 Gb, DDR3, 256-512M x 32 Dual Channel Memory Module
Download  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L9D3512M32DBG2 Datasheet(HTML) 9 Page - LOGIC Devices Incorporated

Back Button L9D3512M32DBG2 Datasheet HTML 5Page - LOGIC Devices Incorporated L9D3512M32DBG2 Datasheet HTML 6Page - LOGIC Devices Incorporated L9D3512M32DBG2 Datasheet HTML 7Page - LOGIC Devices Incorporated L9D3512M32DBG2 Datasheet HTML 8Page - LOGIC Devices Incorporated L9D3512M32DBG2 Datasheet HTML 9Page - LOGIC Devices Incorporated L9D3512M32DBG2 Datasheet HTML 10Page - LOGIC Devices Incorporated L9D3512M32DBG2 Datasheet HTML 11Page - LOGIC Devices Incorporated L9D3512M32DBG2 Datasheet HTML 12Page - LOGIC Devices Incorporated L9D3512M32DBG2 Datasheet HTML 13Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 162 page
background image
LOGIC Devices Incorporated
www.logicdevices.com
9
16-32 Gb, DDR3, 256-512M x 32 Dual Channel Memory Module
L9D3256M32DBG2
PRELIMINARY INFORMATION
L9D3512M32DBG2
March 6, 2013 LDS-L9D3xxxM32DBG2
High Performance, Integrated Memory Module Product
TABLE 2 - BALL/SIGNAL LOCATION AND DESCRIPTION CONTINUED
Ball Assignments
Symbol
Type
Description
ODTA
RESETA#
DQSxA,
DQSxA#
DQ0A, DQ1A,
DQ2A, DQ3A,
DQ4A, DQ5A,
DQ6A, DQ7A
DQ8A, DQ9A,
DQ10A, DQ11A,
DQ12A, DQ13A,
DQ14A, DQ15A
DQ16A, DQ17A,
DQ18A, DQ19A,
DQ20A, DQ21A,
DQ22A, DQ23A
DQ24A, DQ25A,
DQ26A, DQ27A,
DQ28A, DQ29A,
DQ30A, DQ31A
VSSDLLA
VDDDLLA
VrefCAA
VrefDAA
Input
Input
Input
I/O
I/O
I/O
I/O
Supply
Supply
On-Die Termination:
-
RESET:
DD
0.2 x
DD
Data Strobe Byte (per WORD):
Data Input/Output:
Data Input/Output:
Data Input/Output:
Data Input/Output:
G12
L1, L2
K9
F10


Similar Part No. - L9D3512M32DBG2

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L9D3512M32SBG1 LODEV-L9D3512M32SBG1 Datasheet
3Mb / 164P
   8-16 Gb, DDR3, 256-512M x 32 Single Channel Memory Module
More results

Similar Description - L9D3512M32DBG2

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L9D3256M32SBG1 LODEV-L9D3256M32SBG1 Datasheet
3Mb / 164P
   8-16 Gb, DDR3, 256-512M x 32 Single Channel Memory Module
L9D320G32BG6 LODEV-L9D320G32BG6 Datasheet
3Mb / 154P
   2.0 Gb, DDR3, 64 M x 32 Integrated Module (IMOD)
logo
Axiomtek Co., Ltd.
NA570 AXIOMTEK-NA570 Datasheet
226Kb / 1P
   Supports 32 GB DDR3-1600 non-ECC/ECC memory
logo
List of Unclassifed Man...
MB967 ETC2-MB967 Datasheet
589Kb / 1P
   4x DDR3 DIMM, Max. 32 GB
logo
AAEON Technology
NVR-6300S AAEON-NVR-6300S Datasheet
451Kb / 2P
   Dual-Channel 240-pin DDR3 1600 MHz DIMM x 4, Up to 32 GB
logo
Axiomtek Co., Ltd.
IMB210 AXIOMTEK-IMB210_16 Datasheet
306Kb / 1P
   4 DDR3-1333/1600 MHz max. up to 32 GB memory capacity
logo
LOGIC Devices Incorpora...
L9D3256M72SBG2 LODEV-L9D3256M72SBG2 Datasheet
3Mb / 160P
   18-20 Gb, DDR3, 256 M x 72/80 Integrated Module
logo
Axiomtek Co., Ltd.
IMB207 AXIOMTEK-IMB207_14 Datasheet
253Kb / 2P
   DDR3-1333/1600 MHz up to 32 GB
logo
Austin Semiconductor
AS8F1M32 AUSTIN-AS8F1M32 Datasheet
280Kb / 10P
   1M x 32 FLASH FLASH MEMORY MODULE
AS8F2M32 AUSTIN-AS8F2M32 Datasheet
390Kb / 12P
   2M x 32 FLASH FLASH MEMORY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com