Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEC11L-4225K-N0020 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PEC11L-4225K-N0020
Description  11 mm Low Profi le Encoder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC11L-4225K-N0020 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PEC11L-4225K-N0020 Datasheet HTML 1Page - Bourns Electronic Solutions PEC11L-4225K-N0020 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12.8
(.504)
11.8
(.465)
13.2
(.520)
F
L ± 0.5
(L ± .020)
0.75
(.030)
M7XP
3 PLCS.
0.5
(.020)
C
1.0 +0.2/-0
(.039 +.008/-0)
DIA. 3 PLCS.
1.4
(.055)
2.1
(.083)
2.0
(.079)
7.5
(.295)
6.0
(.236)
6.0
(.236)
7.5
(.295)
4.5
(.177)
6.0 +0/-0.1
(.236 +0/-.004)
DIA.
5.0
(.197)
5.0
(.197)
5.0
(.197)
4.5
(.177)
DIA.
L
A
C
P
18 TEETH
KNURLED
5.0
(.197)
1.0
(.039)
6.0 +0/-0.1
(.236 +0/-.004)
AC
B
12.8
(.504)
11.8
(.465)
5.0
(.197)
13.2
(.520)
F
L ± 0.5
(L ± .020)
0.75
(.030)
M7XP
SWITCH TRAVEL
0.5 +0.4/-0.3
(.020 +.016/-.012)
1.0 +0.2/-0
(.039 +.008/-0)
DIA. 5 PLCS.
1.4
(.055)
2.1
(.083)
SW
A
12
CB
2.0
(.079)
7.5
(.295)
7.0
(.276)
6.0
(.236)
6.0
(.236)
7.5
(.295)
7.0
(.276)
4.5
(.177)
6.0 +0/-0.1
(.236 +0/-.004)
DIA.
5.0
(.197)
5.0
(.197)
5.0
(.197)
3.7
(.146)
3.7
(.146)
4.5
(.177)
PEC11L-4xxxF-Sxxxx
PEC11L-4xxxF-Nxxxx
3.7
(.146)
0.8
(.031)
13.6
(.535)
REV. 11/13
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
PEC11L Series - 11 mm Low Profile Encoder
Product Dimensions
DIMENSIONS:
MM
(INCHES)
LB
F
P
A
C
15
(.591)
5.0
(.197)
7.0
(.276)
7.0
(.276)
6.0
(.236)
7.0
(.276)
20
(.787)
7.0
(.276)
10.0
(.394)
7.0
(.276)
6.0
(.236)
7.0
(.276)
25
(.984)
7.0
(.276)
12.0
(.472)
12.0
(.472)
10.0
(.394)
11.0
(.433)
Applications
Level control, tuning and timer settings in:
Audio-visual equipment
Consumer electric appliances
Environmental controls
Musical instrumentation
Communications equipment
Quadrature Output Table
A Signal
CW
D
ON
OFF
B Signal
CCW
Suggested Filter Circuit
Switch Circuit
12
5 VDC
10K OHMS
10K OHMS
10K OHMS
10K OHMS
TERMINAL B
TERMINAL C
TERMINAL A
0.01
μF
0.01
μF
ENCODER
Dim.
Tol.
<10.0
(<.394)
±0.3
(±.012)
10.0 ~ 100
(.394 ~ 3.937)
±0.5
(±.020)


Similar Part No. - PEC11L-4225K-N0020

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC11L-42315F-N0015 BOURNS-PEC11L-42315F-N0015 Datasheet
212Kb / 2P
   PEC11L Series - 11 mm Low Profi le Encoder
PEC11L-42315F-N0020 BOURNS-PEC11L-42315F-N0020 Datasheet
212Kb / 2P
   PEC11L Series - 11 mm Low Profi le Encoder
PEC11L-42315F-S0015 BOURNS-PEC11L-42315F-S0015 Datasheet
212Kb / 2P
   PEC11L Series - 11 mm Low Profi le Encoder
PEC11L-42315F-S0020 BOURNS-PEC11L-42315F-S0020 Datasheet
212Kb / 2P
   PEC11L Series - 11 mm Low Profi le Encoder
PEC11L-42315K-N0015 BOURNS-PEC11L-42315K-N0015 Datasheet
212Kb / 2P
   PEC11L Series - 11 mm Low Profi le Encoder
More results

Similar Description - PEC11L-4225K-N0020

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC11L BOURNS-PEC11L Datasheet
212Kb / 2P
   PEC11L Series - 11 mm Low Profi le Encoder
logo
GREATECS
EC1 GREATECS-EC1 Datasheet
112Kb / 1P
   Low Profi le SMT Encoder Switches with 8 Sections
logo
Bourns Electronic Solut...
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
   Low Profi le Slide Potentiometer
logo
Panasonic Semiconductor
ELT5KT220L PANASONIC-ELT5KT220L Datasheet
92Kb / 2P
   Voltage Step-up Coils High inductance, low profi le choke coil Low profi le (H=1.2 mm max.)
logo
Bourns Electronic Solut...
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
   Low Profi le Slide Potentiometer
logo
Panasonic Semiconductor
EVM-2NSX80B55 PANASONIC-EVM-2NSX80B55 Datasheet
83Kb / 2P
   2 mm Square Low-Profi le SMT Trimmer Potentiometers
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
   Chassis mounting applications, low profi le
logo
Bourns Electronic Solut...
PTE45-152A-103B2 BOURNS-PTE45-152A-103B2 Datasheet
286Kb / 3P
   PTE Series Low Profi le Slide Potentiometer
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
logo
Cornell Dubilier Electr...
944U CDE-944U Datasheet
267Kb / 4P
   High Current, Low Profi le for Inverter Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com