Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9D3256M32SBG1 Datasheet(PDF) 11 Page - LOGIC Devices Incorporated

Part # L9D3256M32SBG1
Description  8-16 Gb, DDR3, 256-512M x 32 Single Channel Memory Module
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L9D3256M32SBG1 Datasheet(HTML) 11 Page - LOGIC Devices Incorporated

Back Button L9D3256M32SBG1 Datasheet HTML 7Page - LOGIC Devices Incorporated L9D3256M32SBG1 Datasheet HTML 8Page - LOGIC Devices Incorporated L9D3256M32SBG1 Datasheet HTML 9Page - LOGIC Devices Incorporated L9D3256M32SBG1 Datasheet HTML 10Page - LOGIC Devices Incorporated L9D3256M32SBG1 Datasheet HTML 11Page - LOGIC Devices Incorporated L9D3256M32SBG1 Datasheet HTML 12Page - LOGIC Devices Incorporated L9D3256M32SBG1 Datasheet HTML 13Page - LOGIC Devices Incorporated L9D3256M32SBG1 Datasheet HTML 14Page - LOGIC Devices Incorporated L9D3256M32SBG1 Datasheet HTML 15Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 164 page
background image
LOGIC Devices Incorporated
www.logicdevices.com
11
8-16 Gb, DDR3, 256-512M x 32 Single Channel Memory Module
L9D3256M32SBG1
PRELIMINARY INFORMATION
L9D3512M32SBG1
Feb 11, 2013 LDS-L9D3xxxM32SBG1
High Performance, Integrated Memory Module Product
TABLE 2A - L9D3256M32SBG1 BALL/SIGNAL LOCATION AND DESCRIPTION CONTINUED
Ball Assignments
Symbol
Type
Description
VDD
VDDQ
Vss
VssQ
VSSDL
VDDDL
NC
Supply
Supply
Supply
Supply
Ground
Ground for DLL
B1, B12, C1, C12, D2,
G1


Similar Part No. - L9D3256M32SBG1

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L9D3256M32DBG2 LODEV-L9D3256M32DBG2 Datasheet
3Mb / 162P
   16-32 Gb, DDR3, 256-512M x 32 Dual Channel Memory Module
More results

Similar Description - L9D3256M32SBG1

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L9D3256M32DBG2 LODEV-L9D3256M32DBG2 Datasheet
3Mb / 162P
   16-32 Gb, DDR3, 256-512M x 32 Dual Channel Memory Module
L9D3256M72SBG2 LODEV-L9D3256M72SBG2 Datasheet
3Mb / 160P
   18-20 Gb, DDR3, 256 M x 72/80 Integrated Module
L9D320G32BG6 LODEV-L9D320G32BG6 Datasheet
3Mb / 154P
   2.0 Gb, DDR3, 64 M x 32 Integrated Module (IMOD)
logo
Samsung semiconductor
K9W8G08U1M SAMSUNG-K9W8G08U1M Datasheet
601Kb / 38P
   512M x 8 Bit / 256M x 16 Bit NAND Flash Memory
logo
Axiomtek Co., Ltd.
NA570 AXIOMTEK-NA570 Datasheet
226Kb / 1P
   Supports 32 GB DDR3-1600 non-ECC/ECC memory
logo
Sharp Corporation
LH28F004SU SHARP-LH28F004SU Datasheet
2Mb / 39P
   4Mbit(512Kbit x 8, 256 Kbit x 16) 5V Single Voltage Flash Memory
logo
Samsung semiconductor
K9K4G08U1M SAMSUNG-K9K4G08U1M Datasheet
839Kb / 40P
   256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
logo
Fujitsu Component Limit...
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
   Memory FRAM 256 K (32 K x 8) Bit SPI
logo
STMicroelectronics
ST93C06 STMICROELECTRONICS-ST93C06 Datasheet
118Kb / 15P
   256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
logo
Axiomtek Co., Ltd.
SHB120 AXIOMTEK-SHB120_16 Datasheet
193Kb / 1P
   2 DDR3 DIMM support up to 16 GB memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com