Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A62L256V-55LLU Datasheet(PDF) 4 Page - AMIC Technology

Part # A62L256V-55LLU
Description  32K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A62L256V-55LLU Datasheet(HTML) 4 Page - AMIC Technology

  A62L256V-55LLU Datasheet HTML 1Page - AMIC Technology A62L256V-55LLU Datasheet HTML 2Page - AMIC Technology A62L256V-55LLU Datasheet HTML 3Page - AMIC Technology A62L256V-55LLU Datasheet HTML 4Page - AMIC Technology A62L256V-55LLU Datasheet HTML 5Page - AMIC Technology A62L256V-55LLU Datasheet HTML 6Page - AMIC Technology A62L256V-55LLU Datasheet HTML 7Page - AMIC Technology A62L256V-55LLU Datasheet HTML 8Page - AMIC Technology A62L256V-55LLU Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
A62L256 Series
PRELIMINARY
(November, 2001, Version 1.4)
4
AMIC Technology, Inc.
Recommended DC Operating Conditions
(TA = 0
°C to + 70°C or -40°C to +85°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
2.7
3.0
3.6
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
VCC * 0.7
-
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
0
+0.3
V
Absolute Maximum Ratings*
VCC to GND . . . . . . . . . . . . . . . . . . . . . -0.5V to +3.6V
IN, IN/OUT Volt to GND . . . . . . . . . -0.5V to VCC + 0.5V
Operating Temperature, Topr . . . . . . . . . . 0
°C to +70°C
Storage Temperature, Tstg . . . . . . . . . -55
°C to +125°C
Power Dissipation, PT . . . . . . . . . . . . . . . . . . . . . 0.7W
Soldering Temp. & Time . . . . . . . . . . . . . 260
°C, 10 sec
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied and exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
DC Electrical Characteristics (TA = 0
°C to + 70°C or -40º C to +85º C, VCC = 2.7V to 3.6V, GND = 0V)
Symbol
Parameter
A62L256-55LL/55LLU
A62L256-70LL/70LLU
Unit
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
ILI
Input Leakage
Current
-
-
1
-
-
1
µA
VIN = GND to VCC
ILO
Output Leakage
Current
-
-
1
-
-
1
µA
CE = VIH or WE = VIL
VI/O = GND to VCC
ICC1
Dynamic
Operating Current
-
*18
25
-
**12
20
mA
Min. Cycle, Duty = 100%
CE = VIL, II/O = 0mA
ICC2
Dynamic
Operating Current
-
1
3
-
1
3
mA
CE = VIL, VIH = VCC
VIL = 0V, f = 1 MHz
II/O = 0 mA
Typical values are measured at VCC = 3.0V, TA = 25
°C and not 100% tested.
* Testing condition : TA = 25
°C, VCC = 3.0V, Cycle Time = 55 ns
** Testing condition : TA = 25
°C, VCC = 3.0V, Cycle Time = 70 ns


Similar Part No. - A62L256V-55LLU

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
A62 CONNOR-WINFIELD-A62 Datasheet
53Kb / 1P
   8 PIN DIP ACMOS
logo
AiT Semiconductor Inc.
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
A6201AE3RXXZ AITSEMI-A6201AE3RXXZ Datasheet
377Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
A6201AE3VRXXZ AITSEMI-A6201AE3VRXXZ Datasheet
377Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
A6201AK3RXXZ AITSEMI-A6201AK3RXXZ Datasheet
377Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
More results

Similar Description - A62L256V-55LLU

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308 AMICC-A625308 Datasheet
126Kb / 13P
   32K X 8 BIT CMOS SRAM
logo
Hynix Semiconductor
HY62C256 HYNIX-HY62C256 Datasheet
376Kb / 11P
   32K x 8-BIT CMOS SRAM
logo
AMIC Technology
A625308A AMICC-A625308A Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2565 BSI-BS62LV2565 Datasheet
330Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com