Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A290021UL-90 Datasheet(PDF) 4 Page - AMIC Technology

Part # A290021UL-90
Description  256K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A290021UL-90 Datasheet(HTML) 4 Page - AMIC Technology

  A290021UL-90 Datasheet HTML 1Page - AMIC Technology A290021UL-90 Datasheet HTML 2Page - AMIC Technology A290021UL-90 Datasheet HTML 3Page - AMIC Technology A290021UL-90 Datasheet HTML 4Page - AMIC Technology A290021UL-90 Datasheet HTML 5Page - AMIC Technology A290021UL-90 Datasheet HTML 6Page - AMIC Technology A290021UL-90 Datasheet HTML 7Page - AMIC Technology A290021UL-90 Datasheet HTML 8Page - AMIC Technology A290021UL-90 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
A29002/A290021 Series
(February, 2002, Version 1.0)
4
AMIC Technology, Inc.
Absolute Maximum Ratings*
Ambient Operating Temperature . . . . . -55
°C to + 125°C
Storage Temperature . . . . . . . . . . . . . . -65
°C to + 125°C
Ground to VCC . . . . . . . . . . . . . . . . . . . . . . -2.0V to 7.0V
Output Voltage (Note 1) . . . . . . . . . . . . . . . -2.0V to 7.0V
A9, OE & RESET (Note 2) . . . . . . . . . . . -2.0V to 12.5V
All other pins (Note 1) . . . . . . . . . . . . . . . . . -2.0V to 7.0V
Output Short Circuit Current (Note 3) . . . . . . . . . . 200mA
Notes:
1. Minimum DC voltage on input or I/O pins is -0.5V.
During voltage transitions, inputs may undershoot VSS
to -2.0V for periods of up to 20ns. Maximum DC voltage
on output and I/O pins is VCC +0.5V. During voltage
transitions, outputs may overshoot to VCC +2.0V for
periods up to 20ns.
2. Minimum DC input voltage on A9 pins is -0.5V. During
voltage transitions, A9, OE and RESET may overshoot
VSS to -2.0V for periods of up to 20ns. Maximum DC
input voltage on A9 and OE is +12.5V which may
overshoot to 13.5V for periods up to 20ns. ( RESET is
N/A on A290021)
3. No more than one output is shorted at a time. Duration
of the short circuit should not be greater than one
second.
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of
this device at these or any other conditions above
those indicated in the operational sections of these
specification is not implied or intended. Exposure to
the absolute maximum rating conditions for extended
periods may affect device reliability.
Operating Ranges
Commercial (C) Devices
Ambient Temperature (TA) . . . . . . . . . . . . . . 0
°C to +70°C
VCC Supply Voltages
VCC for
± 10% devices . . . . . . . . . . . . . . +4.5V to +5.5V
Operating ranges define those limits between which the
functionally of the device is guaranteed.
Device Bus Operations
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register itself
does not occupy any addressable memory location. The
register is composed of latches that store the commands,
along with the address and data information needed to
execute the command. The contents of the register serve
as inputs to the internal state machine. The state machine
outputs dictate the function of the device. The appropriate
device bus operations table lists the inputs and control
levels required, and the resulting output. The following
subsections describe each of these operations in further
detail.
Table 1. A29002/A290021 Device Bus Operations
Operation
CE
OE
WE
RESET
(N/A A290021)
A0 – A17
I/O0 - I/O7
Read
L
L
H
H
AIN
DOUT
Write
L
H
L
H
AIN
DIN
CMOS Standby
VCC
± 0.5 V
X
X
VCC
± 0.5 V
X
High-Z
TTL Standby
H
X
X
VCC
± 0.5 V
X
High-Z
Output Disable
L
H
H
H
X
High-Z
Reset
X
X
X
L
X
High-Z
Temporary Sector Unprotect (Note)
X
X
X
VID
X
X
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 12.0
± 0.5V, X = Don't Care, DIN = Data In, DOUT = Data Out, AIN = Address In
Note: 1. See the "Sector Protection/Unprotection" section and Temporary Sector Unprotect for more information.
2. This function is not available on A290021.


Similar Part No. - A290021UL-90

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A290021 AMICC-A290021_15 Datasheet
398Kb / 35P
   Boot Sector Flash Memory
More results

Similar Description - A290021UL-90

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400A AMICC-A29400A Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400 AMICC-A29400 Datasheet
497Kb / 33P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29001B AMICC-A29001B Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
A29001 AMICC-A29001 Datasheet
311Kb / 32P
   128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A290011B AMICC-A290011B Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
A29001 AMICC-A29001_07 Datasheet
454Kb / 36P
   128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com