Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A64S0616G-70 Datasheet(PDF) 8 Page - AMIC Technology

Part # A64S0616G-70
Description  1M X 16 Bit Low Voltage Super RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A64S0616G-70 Datasheet(HTML) 8 Page - AMIC Technology

Back Button A64S0616G-70 Datasheet HTML 4Page - AMIC Technology A64S0616G-70 Datasheet HTML 5Page - AMIC Technology A64S0616G-70 Datasheet HTML 6Page - AMIC Technology A64S0616G-70 Datasheet HTML 7Page - AMIC Technology A64S0616G-70 Datasheet HTML 8Page - AMIC Technology A64S0616G-70 Datasheet HTML 9Page - AMIC Technology A64S0616G-70 Datasheet HTML 10Page - AMIC Technology A64S0616G-70 Datasheet HTML 11Page - AMIC Technology A64S0616G-70 Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
A64S0616
PRELIMINARY
(July, 2002, Version 0.1)
7
AMIC Technology, Inc.
AC Characteristics (TA = 0
°C to +70°C or -25°C to 85°C, VCC = 2.7V to 3.1V)
Symbol
Parameter
-70
-85
Unit
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
70
-
85
-
ns
tSKEW
Address Skew
-
10
-
10
ns
tAA
Address Access Time
-
70
-
85
ns
tACE
Chip Enable Access Time
-
70
-
85
ns
tBE
Byte Enable Access Time
-
70
-
85
ns
tOE
Output Enable to Output Valid
-
35
-
45
ns
tCLZ
Chip Enable to Output in Low Z
10
-
10
-
ns
tBLZ
Byte Enable to Output in Low Z
5
-
5
-
ns
tOLZ
Output Enable to Output in Low Z
5
-
5
-
ns
tCHZ
Chip Disable to Output in High Z
0
25
0
35
ns
tBHZ
Byte Disable to Output in High Z
0
25
0
35
ns
tOHZ
Output Disable to Output in High Z
0
25
0
35
ns
tOH
Output Hold from Address Change
10
-
10
-
ns
tASC
Address Setup to CE1 Low
0
-
0
-
ns
tAHC
Address Hold Time from CE1 High
0
-
0
-
ns
tCEH
CE1 High Pulse With
10
-
10
-
ns
Write Cycle
tWC
Write Cycle Time
70
-
85
-
ns
tSKEW
Address Skew
-
10
-
10
ns
tCW
Chip Enable to End of Write
60
-
70
-
ns
tBW
Byte Enable to End of Write
60
-
70
-
ns
tAS
Address Setup Time
0
-
0
-
ns
tAW
Address Valid to End of Write
60
-
70
-
ns
tWP
Write Pulse Width
50
-
55
-
ns
tWR
Write Recovery Time
0
-
0
-
ns
tWHZ
Write to Output in High Z
-
20
-
20
ns
tDW
Data to Write Time Overlap
30
-
35
-
ns
tDH
Data Hold from Write Time
0
-
0
-
ns
tOW
Output Active from End of Write
5
-
5
-
ns
tASC
Address Setup to CE1 Low
0
-
0
-
ns
tAHC
Address Hold Time from CE1 High
0
-
0
-
ns
tCEH
CE1 High Pulse With
10
-
10
-
ns
tWEH
WE High Pulse With
10
-
10
-
ns
Note: tCHZ, tBHZ and tOHZ and tWHZ are defined as the time at which the outputs achieve the open circuit condition and are
not referred to output voltage levels.


Similar Part No. - A64S0616G-70

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A64S0616G-70I AMICC-A64S0616G-70I Datasheet
235Kb / 16P
   2M X 16 Bit Low Voltage Super RAM
More results

Similar Description - A64S0616G-70

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A64E06161 AMICC-A64E06161 Datasheet
310Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
A64E06161 AMICC-A64E06161 Datasheet
284Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
logo
FIDELIX
FMP1617DAX FIDELIX-FMP1617DAX Datasheet
163Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0 FIDELIX-FMP1617CC0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP1617BAX-E FIDELIX-CMP1617BAX-E Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CAX FIDELIX-FMP1617CAX Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CCX FIDELIX-FMP1617CCX Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0 FIDELIX-FMP1617CA0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617DCX FIDELIX-FMP1617DCX Datasheet
160Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
logo
AMIC Technology
A64S16161 AMICC-A64S16161 Datasheet
235Kb / 16P
   2M X 16 Bit Low Voltage Super RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com